Electronic Components Datasheet Search
  English  ▼

X  

VF8143 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # VF8143
Description  LOW-COST Three-Channel 4TH-ORDER STANDARD DEFINITION VIDEO FILTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

VF8143 Datasheet(HTML) 3 Page - Unisonic Technologies

  VF8143 Datasheet HTML 1Page - Unisonic Technologies VF8143 Datasheet HTML 2Page - Unisonic Technologies VF8143 Datasheet HTML 3Page - Unisonic Technologies VF8143 Datasheet HTML 4Page - Unisonic Technologies VF8143 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VF8143
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-956.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
-0.3~6
V
Analog and Digital I/O
-0.3~VCC+0.3
V
Output Channel-Any One Channel (Do Not Exceed)
50
mA
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance, JEDEC Standard Multi-layer
Test Boards, Still Air
θJA
115
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC Range
4.75
5.0
5.25
V
DC ELECTRICAL CHARACTERISTICS
(TA=25°C, VCC=5V, RSOURCE=37.5Ω, all inputs are AC coupled with 0.1μF, all outputs are AC coupled with 220μF into
150Ω loads, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Current (Note 1)
ICC
No Load
19
27
mA
Video Input Voltage
VIN
Referenced to GND if DC coupled
1.4
VPP
Power Supply Rejection
PSRR
DC (All Channels)
-50
dB
Note: 1. 100% tested at 25°C.
AC ELECTRICAL CHARACTERISTICS
(TA=25°C, VIN=1VPP, VCC=5V, RSOURCE=37.5Ω, all inputs are AC coupled with 0.1μF, all outputs are AC coupled with
220μF into 150Ω loads, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Channel Gain (Note 1)
AV
All Channels
6.0
6.2
6.4
dB
-1dB Bandwidth (Note 1)
f1dB
All Channels
5.6
6.5
MHz
-3dB Bandwidth
fc
All Channels
7.7
MHz
Attenuation (Stopband Reject)
fSB
All Channels at f=27MHz
48
dB
Differential Gain
dG
All Channels
0.3
%
Differential Phase
dΦ
All Channels
0.6
°
Output Distortion (All Channels)
THD
VOUT=1.8VPP, 1MHz
0.4
%
Crosstalk (Channel-to-Channel)
XTALK
at 1MHz
-60
dB
Signal-to-Noise Ratio
SNR
All Channels NTC-7 Weighting:
100kHz~4.2MHz
75
dB
Propagation Delay
tpd
Delay from Input-to-Output, 4.5MHz
59
ns
Note: 1. 100% tested at 25°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com