Electronic Components Datasheet Search
  English  ▼

X  

02N06Z Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 02N06Z
Description  0.2A, 60V SILICON N-CHANNEL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

02N06Z Datasheet(HTML) 2 Page - Unisonic Technologies

  02N06Z Datasheet HTML 1Page - Unisonic Technologies 02N06Z Datasheet HTML 2Page - Unisonic Technologies 02N06Z Datasheet HTML 3Page - Unisonic Technologies 02N06Z Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02N06Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
VER.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
200
mA
Pulsed (Note 2)
IDM
800
mA
Source Current
Continuous
IS
200
mA
Pulsed (Note 2)
ISP
800
mA
Power Dissipation (Note 3)
PD
200
mW
Channel Temperature
TCH
150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pw≤10µs, Duty cycle≤1%.
3. Each terminal mounted on a recommended.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=10µA, VGS=0V
60
V
Drain-Source Leakage Current
IDSS
VDS=60V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+10
µA
Reverse
VGS=-20V, VDS=0V
-10
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=10V, ID=1mA
1
2.5
V
Static Drain-Source On-State Resistance
(Note 2)
RDS(ON)
VGS=10V, ID=200mA
1.7
2.4
Ω
VGS=4V, ID=200mA
2.8
4.0
Ω
Forward Transfer Admittance (Note 2)
|YFS|
VDS=10V, ID=200mA
100
mS
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=10V, f=1.0MHz
15
pF
Output Capacitance
COSS
8
pF
Reverse Transfer Capacitance
CRSS
4
pF
SWITCHING PARAMETERS (Note 3)
Total Gate Charge
QG
VGS=10V, VDD=30V, ID=200mA
2.2
4.4
nC
Gate to Source Charge
QGS
0.6
nC
Gate to Drain Charge
QGD
0.3
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, VGS=10V, ID=100mA,
RGS=10Ω, RL=300Ω
6
ns
Rise Time
tR
5
ns
Turn-OFF Delay Time
tD(OFF)
12
ns
Fall-Time
tF
95
ns
Notes: 1. Pw≤300µs, Duty cycle≤1%.
2. Pulsed



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com