Electronic Components Datasheet Search
  English  ▼

X  

CS4330 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4330
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4330 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4330 Datasheet HTML 5Page - Cirrus Logic CS4330 Datasheet HTML 6Page - Cirrus Logic CS4330 Datasheet HTML 7Page - Cirrus Logic CS4330 Datasheet HTML 8Page - Cirrus Logic CS4330 Datasheet HTML 9Page - Cirrus Logic CS4330 Datasheet HTML 10Page - Cirrus Logic CS4330 Datasheet HTML 11Page - Cirrus Logic CS4330 Datasheet HTML 12Page - Cirrus Logic CS4330 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Initialization and Power-Down
The Initialization and Power-Down sequence
flow chart is shown in Figure 8. The CS4330/31/33
enter the Power-Down mode upon initial power-
up. The interpolation filters and delta-sigma
modulators are reset, and the internal voltage ref-
erence, one-bit digital-to-analog converters and
switched-capacitor low-pass filters are powered
down. The device will remain in the Power-
Down mode unti l MC LK and LRCK are
presented. Once MCLK and LRCK are detected,
MCLK occurrences are counted over one LRCK
period to determine the MCLK/LRCK frequency
ratio. Power is then applied to the internal volt-
age reference and the +5 or +3 Volt power
supply mode is determined. Finally, power is
applied to the D/A converters and switched-ca-
pacitor filters, and the analog outputs will move
to approximately 2.3V (1.3V in 3V mode). This
process requires approximately 1ms plus 1024
cycles of LRCK.
The CS4330/31/33 enter the Power-Down mode
within 1 period of LRCK if either MCLK or
LRCK is removed. The initialization sequence
begins when MCLK and LRCK are restored. If
the MCLK/LRCK frequency ratio or the VA+
voltage changes during Power-Down, the
CS4330/31/33 adapt to these new operating con-
ditions. It is recomended that the CS4330/31/33
not be powered up with the clocks (MCLK,
LRCK, SCLK) going.
Power Supply Determination
The nominal power supply voltage for the
CS4330/31/33 may be either +5 or +3 Volts.
"SMART Analog" circuitry senses the power
supply voltage during the initialization sequence
or when exiting the Power-Down mode. +5V op-
eration will be set with a 3.7 Vpp full scale
output if VA+ is between 4.75 and 5.5 Volts. The
CS4330/31/33 will be set for +3V operation with
a 1.85 Vpp full scale output if VA+ is between
2.7 and 4.0 Volts. Supply voltages between 4.0
and 4.75 Volts should be avoided to prevent op-
eration in the 5V mode. In this condition there is
insufficient headroom to produce a 3.7 Vpp out-
put.
Grounding and Power Supply Decoupling
As with any high resolution converter, the
CS4330/31/33 require careful attention to power
supply and grounding arrangements to optimize
performance. Figure 1 shows the recommended
power arrangements with VA+ connected to a
clean +3/+5V supply. Decoupling capacitors
should be located as near to the CS4330/31/33
as possible.
Analog Output and Filtering
The CS4330/31/33 analog filter is a switched-ca-
pacitor filter. The switched-capacitor filter
frequency response is clock dependent and will
scale with sample rate.
The digital filter of the CS4330/31/33 is de-
signed to compensate for the magnitude and
phase response of a single-pole low-pass filter at
twice the sample rate. Output filters consisting of
a 2.4 kohm resistor and capacitor are recom-
Gain
dB
-10dB
0dB
Frequency
T2 = 15
ms
T1=50
ms
F1
F2
3.183 kHz
10.61 kHz
Figure 3. De-Emphasis Curve (Fs = 44.1kHz)
CS4330, CS4331, CS4333
DS136F1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com