Electronic Components Datasheet Search
  English  ▼

X  

L6208 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6208
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6208 Datasheet HTML 14Page - STMicroelectronics L6208 Datasheet HTML 15Page - STMicroelectronics L6208 Datasheet HTML 16Page - STMicroelectronics L6208 Datasheet HTML 17Page - STMicroelectronics L6208 Datasheet HTML 18Page - STMicroelectronics L6208 Datasheet HTML 19Page - STMicroelectronics L6208 Datasheet HTML 20Page - STMicroelectronics L6208 Datasheet HTML 21Page - STMicroelectronics L6208 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Decay modes
L6208
18/35
DocID7514 Rev 2
7
Decay modes
The CONTROL input is used to select the behavior of the bridge during the off time. When
the CONTROL pin is low, the fast decay mode is selected and both transistors in the bridge
are switched off during the off time. When the CONTROL pin is high, the slow decay mode
is selected and only the low-side transistor of the bridge is switched off during the off time.
Figure 16 shows the operation of the bridge in the fast decay mode. At the start of the off
time, both of the power MOS are switched off and the current recirculates through the two
opposite freewheeling diodes. The current decays with a high di/dt since the voltage across
the coil is essentially the power supply voltage. After the deadtime, the lower power MOS in
parallel with the conducting diode is turned on in synchronous rectification mode. In
applications where the motor current is low it is possible that the current can decay
completely to zero during the off time. At this point if both of the power MOS were operating
in the synchronous rectification mode, it would then be possible for the current to build in the
opposite direction. To prevent this only the lower power MOS is operated in synchronous
rectification mode. This operation is called “Quasi-synchronous rectification mode”. When
the monostable times out, the power MOS are turned on again after some delay set by the
deadtime to prevent cross conduction.
Figure 17 shows the operation of the bridge in the slow decay mode. At the start of the off
time, the lower power MOS is switched off and the current recirculates around the upper half
of the bridge. Since the voltage across the coil is low, the current decays slowly. After the
deadtime the upper power MOS is operated in the synchronous rectification mode. When
the monostable times out, the lower power MOS is turned on again after some delay set by
the deadtime to prevent cross conduction.
Figure 16. Fast decay mode output stage configurations
Figure 17. Slow decay mode output stage configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com