Electronic Components Datasheet Search
  English  ▼

X  

L9733XP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring low/high side driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 1 Page - STMicroelectronics

  L9733XP Datasheet HTML 1Page - STMicroelectronics L9733XP Datasheet HTML 2Page - STMicroelectronics L9733XP Datasheet HTML 3Page - STMicroelectronics L9733XP Datasheet HTML 4Page - STMicroelectronics L9733XP Datasheet HTML 5Page - STMicroelectronics L9733XP Datasheet HTML 6Page - STMicroelectronics L9733XP Datasheet HTML 7Page - STMicroelectronics L9733XP Datasheet HTML 8Page - STMicroelectronics L9733XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
September 2013
Doc ID 11319 Rev 11
1/34
1
L9733
Octal self configuring low/high side driver
Features
■ Eight independently self configuring low/high
drivers
■ Supply voltage from 4.5 V to 5.5 V
■ RON(max) = 0.7  @ Tj = 25 °C,
RON(max) = 1.2  @Tj = 125 °C
■ Minimum current limit of each output 1 A
■ Output voltage clamping min. 40 V in low-side
configuration
■ Output voltage clamping max. -14 V in high-side
configuration
■ SPI interface for outputs control and for
diagnosis data communication
■ Additional PWM inputs for 3 outputs
■ Independent thermal shutdown for all outputs
open load, short to GND, short to Vb,
overcurrent diagnostics in latched or unlatched
mode for each channel
■ Internal charge pump without need of external
capacitor
■ Controlled SR for reduced EMC
Description
The L9733 is a highly flexible monolithic, medium
current, output driver that incorporates 8 outputs
that can be used as either internal low or high-side
drives in any combination.
Outputs 1-8 are self-configuring as high or low-
side drives. Self-configuration allows a user to
connect a high or low-side load to any of these
outputs and the L9733 will drive them correctly as
well as provide proper fault mode operation with
no other needed inputs. In addition, outputs 6, 7 and
8 can be PWM controlled via a external pins (IN6-8).
This device is capable of switching variable load
currents over the ambient range of -40 °C to
+125 °C. The outputs are MOSFET drivers to
minimize Vdd current requirements. For low-side
configured outputs an internal zener clamp from
the drain to gate with a breakdown of 50 V
minimum will provide fast turn off of inductive
loads. When a high-side configured output is
commanded Off after having been commanded
On, the source voltage will go to (VGND - 15 V).
An 16 bit SPI input is used to command the 8
output drivers either "On" or "Off", reducing the
I/O port requirement of the microcontroller.
Multiple L9733 can be daisy-chained. In addition
the SPI output indicates latched fault conditions
that may have occurred.
PowerSSO-28
Table 1.
Device summary
Order code
Package
Packing
L9733XP
PowerSSO-28 (Exposed pad)
Tube
L9733XPTR
PowerSSO-28 (Exposed pad)
Tape and reel
L9733CN
PowerSSO-28 (Exposed pad)
Tube
L9733CNTR
PowerSSO-28 (Exposed pad)
Tape and reel
www.st.com


Similar Part No. - L9733XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9733XP STMICROELECTRONICS-L9733XP Datasheet
559Kb / 33P
Octal self configuring Low/High side driver
15-Jun-2006
L9733XP STMICROELECTRONICS-L9733XP Datasheet
571Kb / 35P
Automotive octal self configuring low/high side driver
02-May-2016
L9733XPTR STMICROELECTRONICS-L9733XPTR Datasheet
571Kb / 35P
Automotive octal self configuring low/high side driver
02-May-2016
More results

Similar Description - L9733XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9733 STMICROELECTRONICS-L9733 Datasheet
559Kb / 33P
Octal self configuring Low/High side driver
15-Jun-2006
logo
ON Semiconductor
NCV7608 ONSEMI-NCV7608 Datasheet
305Kb / 27P
Octal Configurable Low/High Side Driver
June, 2013 ??Rev. 3
NCV8406 ONSEMI-NCV8406 Datasheet
115Kb / 12P
Self-Protected Low Side Driver
November, 2015 ??Rev. 4
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8408 ONSEMI-NCV8408_16 Datasheet
110Kb / 9P
Self-Protected Low Side Driver
November, 2016 ??Rev. 6
NCV8405A ONSEMI-NCV8405A Datasheet
111Kb / 12P
Self-Protected Low Side Driver
November, 2016 ??Rev. 5
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV7608 ONSEMI-NCV7608_17 Datasheet
257Kb / 27P
Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com