| Electronic Components Datasheet Search |
|
L2010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
L2010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() CUSTOM INDUCTORS Custom designed chokes to meet your exact specifications are available using propriet programs. With in-house capabilities for both core-making and core-cutting, we can off around for both prototypes and production volume orders. While it is often believed tha higher prices, that is not necessarily so, even with small quantities. Contact us with you specifications and we will be happy to give you a free price quote. You may be pleasan STANDARD INDUCTOR Many of the same features offered by our toroidal transformers are also true for our tor DC filtering and AC circuits. A toroidal DC filter choke for line frequency operation used with a toroidal power transformer allows our engineering to design a smaller size trans toroidal DC filter chokes also reduces the size of the required filter capacitors. Amveco standard design chokes from 0.2Ws to 25Ws. INDUCTOR SPECIFICATIONS INDUCTORS: STANDARD AND CUSTOM Part Number Current I DC (A) Current RMS L (mH) Power (WS) Losses Core- Copper OD x HT (Inches) OD x HT (mm) L0540 5 3.5 40 0.5 1.5-12.8 3.8 x 1.9 97 x 48 L0560 5 3.5 60 0.75 3-13.8 4.6 x 2.0 117 x 51 L1020 10 7 20 1 4-16.7 5.5 x 2.0 140 x 51 L1040 10 7 40 2 5-23.4 5.5 x 2.4 140 x 61 L1060 10 7 60 3 7-28.6 5.9 x 2.8 150 x 71 L1510 15 10.6 10 1.13 4-18.7 5.5 x 2.0 140 x 51 L1515 15 10.6 15 1.69 5-22.7 5.5 x 2.4 140 x 61 L1520 15 10.6 20 2.25 5-26.3 5.5 x 2.4 140 x 61 L1540 15 10.6 40 4.5 8-37.8 6.5 x 2.8 165 x 71 L2010 20 14.1 10 2 5-23.2 5.5 x 2.4 140 x 61 L2015 20 14.1 15 3 7-28.4 5.9 x 2.8 150 x 71 L2020 20 14.1 20 4 8-32.8 6.5 x 2.8 165 x 71 L2040 20 14.1 40 8 12-42.8 8.0 x 3.5 203 x 89 L3005 30 21.2 5 2.25 5-26.1 5.5 x 2.4 140 x 61 L3010 30 21.2 10 4.5 8-37.8 6.5 x 2.8 165 x 71 L3015 30 21.2 15 6.75 11-45.9 8.0 x 3.0 203 x 76 L3020 30 21.2 20 9 13-43.2 8.0 x 3.5 203 x 89 L4005 40 28.3 5 4 8-32 6.5 x 2.8 165 x 71 L4010 40 28.3 10 8 13-43.2 8.0 x 3.5 203 x 89 L4015 40 28.3 15 12 20-56 10 x 3.4 254 x 86 L5005 50 35.3 5 6.25 11-35 8.0 x 3.0 203 x 76 L5010 50 35.3 10 12.5 20-57.5 10.0 x 3.4 254 x 86 Page 1 of 2 AMVECO, INC: Inductors 12/15/2008 http://www.amveco.com/Inductors.htm |
Similar Part No. - L2010 |
|
Similar Description - L2010 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |