Electronic Components Datasheet Search
  English  ▼

X  

CS4383 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4383
Description  114 dB, 192 kHz 8-Channel D/A Converter?
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4383 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4383 Datasheet HTML 17Page - Cirrus Logic CS4383 Datasheet HTML 18Page - Cirrus Logic CS4383 Datasheet HTML 19Page - Cirrus Logic CS4383 Datasheet HTML 20Page - Cirrus Logic CS4383 Datasheet HTML 21Page - Cirrus Logic CS4383 Datasheet HTML 22Page - Cirrus Logic CS4383 Datasheet HTML 23Page - Cirrus Logic CS4383 Datasheet HTML 24Page - Cirrus Logic CS4383 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
CS4383
21
.
3.6.3
FUNCTIONAL MODE (FM)
Default = 00
00 - Single-Speed Mode (4 to 50 kHz sample rates)
01 - Double-Speed Mode (50 to 100 kHz sample rates)
10 - Quad-Speed Mode (100 to 200 kHz sample rates)
11 - Direct Stream Digital Mode
Function:
Selects the required range of input sample rates or DSD Mode. When DSD mode is selected for any
channel pair then all pairs will switch to DSD mode.
ATAPI4
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTAx
AOUTBx
00
00
0
MUTE
MUTE
00
00
1
MUTE
bR
00
01
0
MUTE
bL
00
01
1
MUTE
b[(L+R)/2]
00
10
0
aR
MUTE
00
10
1
aR
bR
00
11
0
aR
bL
00
11
1
aR
b[(L+R)/2]
01
00
0
aL
MUTE
01
00
1
aL
bR
01
01
0
aL
bL
01
01
1
aL
b[(L+R)/2]
01
10
0
a[(L+R)/2]
MUTE
01
10
1
a[(L+R)/2]
bR
01
11
0
a[(L+R)/2]
bL
0
1
1
1
1
a[(L+R)/2]
b[(L+R)/2]
10
00
0
MUTE
MUTE
10
00
1
MUTE
bR
10
01
0
MUTE
bL
1
0
0
1
1
MUTE
[(aL+bR)/2]
10
10
0
aR
MUTE
10
10
1
aR
bR
10
11
0
aR
bL
1
0
1
1
1
aR
[(bL+aR)/2]
11
00
0
aL
MUTE
11
00
1
aL
bR
11
01
0
aL
bL
1
1
0
1
1
aL
[(aL+bR)/2]
1
1
1
0
0
[(aL+bR)/2]
MUTE
1
1
1
0
1
[(aL+bR)/2]
bR
1
1
1
1
0
[(bL+aR)/2]
bL
1
1
1
1
1
[(aL+bR)/2]
[(aL+bR)/2]
Table 3. ATAPI Decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com