Electronic Components Datasheet Search
  English  ▼

X  

CS4360-KZ Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4360-KZ
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-KZ Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4360-KZ Datasheet HTML 9Page - Cirrus Logic CS4360-KZ Datasheet HTML 10Page - Cirrus Logic CS4360-KZ Datasheet HTML 11Page - Cirrus Logic CS4360-KZ Datasheet HTML 12Page - Cirrus Logic CS4360-KZ Datasheet HTML 13Page - Cirrus Logic CS4360-KZ Datasheet HTML 14Page - Cirrus Logic CS4360-KZ Datasheet HTML 15Page - Cirrus Logic CS4360-KZ Datasheet HTML 16Page - Cirrus Logic CS4360-KZ Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
CS4360
DS517PP1
13
3.
REGISTER QUICK REFERENCE
Addr
Function
7
6
5
4
3
2
1
0
1h
Mode Control 1
AMUTE
DIF2
DIF1
DIF0
DEM1
DEM0
FM1
FM0
default
100
000
00
2h
Invert Signal
Reserved
Reserved
INV_B3
INV_A3
INV_B2
INV_A2
INV_B1
INV_A1
default
000
000
00
3h
Mixing Control P1
Reserved
Reserved
Reserved
Reserved P1ATAPI3 P1ATAPI2 P1ATAPI1 P1ATAPI0
default
000
010
01
4h
Mixing Control P2
Reserved
Reserved
Reserved
Reserved P2ATAPI3 P2ATAPI2 P2ATAPI1 P2ATAPI0
default
000
010
01
5h
Mixing Control P3
Reserved
Reserved
Reserved
Reserved P3ATAPI3 P3ATAPI2 P3ATAPI1 P3ATAPI0
default
000
010
01
6h
Volume Control A1
A1_MUTE A1_VOL6
A1_VOL5
A1_VOL4
A1_VOL3
A1_VOL2
A1_VOL1
A1_VOL0
default
000
000
00
7h
Volume Control B1
B1_MUTE B1_VOL6
B1_VOL5
B1_VOL4
B1_VOL3
B1_VOL2
B1_VOL1
B1_VOL0
default
000
000
00
8h
Volume Control A2
A2_MUTE A2_VOL6
A2_VOL5
A2_VOL4
A2_VOL3
A2_VOL2
A2_VOL1
A2_VOL0
default
000
000
00
9h
Volume Control B2
B2_MUTE B2_VOL6
B2_VOL5
B2_VOL4
B2_VOL3
B2_VOL2
B2_VOL1
B2_VOL0
default
000
000
00
0Ah
Volume Control A3
A3_MUTE A3_VOL6
A3_VOL5
A3_VOL4
A3_VOL3
A3_VOL2
A3_VOL1
A3_VOL0
default
000
000
00
0Bh
Volume Control B3
B3_MUTE B3_VOL6
B3_VOL5
B3_VOL4
B3_VOL3
B3_VOL2
B3_VOL1
B3_VOL0
default
000
000
00
0Ch
Mode Control 2
SZC1
SZC0
CPEN
PDN
POPG
FREEZE
MCLKDIV SNGLVOL
default
10
0
110
00
0Dh
Revision Indicator
Reserved
Reserved
Reserved
Reserved
REV3
REV2
REV1
REV0
default
000
0
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com