Electronic Components Datasheet Search
  English  ▼

X  

LM4901 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM4901
Description  1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4901 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4901 Datasheet HTML 8Page - Texas Instruments LM4901 Datasheet HTML 9Page - Texas Instruments LM4901 Datasheet HTML 10Page - Texas Instruments LM4901 Datasheet HTML 11Page - Texas Instruments LM4901 Datasheet HTML 12Page - Texas Instruments LM4901 Datasheet HTML 13Page - Texas Instruments LM4901 Datasheet HTML 14Page - Texas Instruments LM4901 Datasheet HTML 15Page - Texas Instruments LM4901 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LM4901
SNAS139F – DECEMBER 2001 – REVISED DECEMBER 2001
www.ti.com
APPLICATION INFORMATION
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 1, the LM4901 has two internal operational amplifiers. The first amplifier's gain is externally
configurable, while the second amplifier is internally fixed in a unity-gain, inverting configuration. The closed-loop
gain of the first amplifier is set by selecting the ratio of Rf to Ri while the second amplifier's gain is fixed by the
two internal 20k
Ω resistors. Figure 1 shows that the output of amplifier one serves as the input to amplifier two
which results in both amplifiers producing signals identical in magnitude, but out of phase by 180°. Consequently,
the differential gain for the IC is
AVD= 2 *(Rf/Ri)
(1)
By driving the load differentially through outputs Vo1 and Vo2, an amplifier configuration commonly referred to as
“bridged mode” is established. Bridged mode operation is different from the classical single-ended amplifier
configuration where one side of the load is connected to ground.
A bridge amplifier design has a few distinct advantages over the single-ended configuration, as it provides
differential drive to the load, thus doubling output swing for a specified supply voltage. Four times the output
power is possible as compared to a single-ended amplifier under the same conditions. This increase in attainable
output power assumes that the amplifier is not current limited or clipped. In order to choose an amplifier's closed-
loop gain without causing excessive clipping, please refer to the Audio Power Amplifier Design section.
A bridge configuration, such as the one used in LM4901, also creates a second advantage over single-ended
amplifiers. Since the differential outputs, Vo1 and Vo2, are biased at half-supply, no net DC voltage exists across
the load. This eliminates the need for an output coupling capacitor which is required in a single supply, single-
ended amplifier configuration. Without an output coupling capacitor, the half-supply bias across the load would
result in both increased internal IC power dissipation and also possible loudspeaker damage.
POWER DISSIPATION
Power dissipation is a major concern when designing a successful amplifier, whether the amplifier is bridged or
single-ended. A direct consequence of the increased power delivered to the load by a bridge amplifier is an
increase in internal power dissipation. Since the LM4901 has two operational amplifiers in one package, the
maximum internal power dissipation is 4 times that of a single-ended amplifier. The maximum power dissipation
for a given application can be derived from the power dissipation graphs or from Equation 2.
PDMAX = 4*(VDD)
2/(2π2R
L)
(2)
It is critical that the maximum junction temperature TJMAX of 150°C is not exceeded. TJMAX can be determined
from the power derating curves by using PDMAX and the PC board foil area. By adding copper foil, the thermal
resistance of the application can be reduced from the free air value of
θJA, resulting in higher PDMAX values
without thermal shutdown protection circuitry being activated. Additional copper foil can be added to any of the
leads connected to the LM4901. It is especially effective when connected to VDD, GND, and the output pins.
Refer to the application information on the LM4901 reference design board for an example of good heat sinking.
If TJMAX still exceeds 150°C, then additional changes must be made. These changes can include reduced supply
voltage, higher load impedance, or reduced ambient temperature. Internal power dissipation is a function of
output power. Refer to the Typical Performance Characteristics curves for power dissipation information for
different output powers and output loading.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. The capacitor location on both the bypass and power supply pins should be as close to the device as
possible. Typical applications employ a 5V regulator with 10 µF tantalum or electrolytic capacitor and a ceramic
bypass capacitor which aid in supply stability. This does not eliminate the need for bypassing the supply nodes of
the LM4901. The selection of a bypass capacitor, especially CB, is dependent upon PSRR requirements, click
and pop performance (as explained in the section, Proper Selection of External Components), system cost, and
size constraints.
12
Submit Documentation Feedback
Copyright © 2001, Texas Instruments Incorporated
Product Folder Links: LM4901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com