Electronic Components Datasheet Search
  English  ▼

X  

LMC6022IM Datasheet(PDF) 3 Page - Texas Instruments

Part # LMC6022IM
Description  LMC6022 Low Power CMOS Dual Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6022IM Datasheet(HTML) 3 Page - Texas Instruments

  LMC6022IM Datasheet HTML 1Page - Texas Instruments LMC6022IM Datasheet HTML 2Page - Texas Instruments LMC6022IM Datasheet HTML 3Page - Texas Instruments LMC6022IM Datasheet HTML 4Page - Texas Instruments LMC6022IM Datasheet HTML 5Page - Texas Instruments LMC6022IM Datasheet HTML 6Page - Texas Instruments LMC6022IM Datasheet HTML 7Page - Texas Instruments LMC6022IM Datasheet HTML 8Page - Texas Instruments LMC6022IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LMC6022
www.ti.com
SNOS622D – NOVEMBER 1994 – REVISED MARCH 2013
DC ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply for V
+ = 5V, V− = 0V, V
CM = 1.5V, VO = 2.5V, and RL = 1M unless otherwise noted.
Boldface limits apply at the temperature extremes; all other limits TJ = 25°C.
LMC6022I
Symbol
Parameter
Conditions
Typical(1)
Units
Limit(2)
CMRR
Common Mode Rejection
0V
≤ VCM ≤ 12V
83
63
dB
Ratio
V+ = 15V
61
min
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V
83
63
dB
Rejection Ratio
61
min
−PSRR
Negative Power Supply
0V
≤ V− ≤ −10V
94
74
dB
Rejection Ratio
73
min
VCM
Input Common-Mode
V+ = 5V & 15V
−0.4
−0.1
V
Voltage Range
For CMRR
≥ 50 dB
0
max
V+
− 1.9
V+
− 2.3
V
V+
− 2.5
min
AV
Large Signal Voltage Gain
RL = 100 kΩ
(3)
1000
200
V/mV
Sinking
100
min
Sourcing
500
90
V/mV
40
min
RL = 5 kΩ
(3)
1000
100
V/mV
Sourcing
75
min
Sinking
250
50
V/mV
20
min
VO
Output Voltage Swing
V+ = 5V
4.987
4.40
V
RL = 100 kΩ to 2.5V
4.43
min
0.004
0.06
V
0.09
max
V+ = 5V
4.940
4.20
V
RL = 5 kΩ to 2.5V
4.00
min
0.040
0.25
V
0.35
max
V+ = 15V
14.970
14.00
V
RL = 100 kΩ to 7.5V
13.90
min
0.007
0.06
V
0.09
max
V+ = 15V
14.840
13.70
V
RL = 5 kΩ to 7.5V
13.50
min
0.110
0.32
V
0.40
max
(3)
V+ = 15V, VCM = 7.5V, and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com