Electronic Components Datasheet Search
  English  ▼

X  

LSHD-A101 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LSHD-A101
Description  0.3 inch (7.62mm) DIGIT HEIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSHD-A101 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LSHD-A101 Datasheet HTML 1Page - Lite-On Technology Corporation LSHD-A101 Datasheet HTML 2Page - Lite-On Technology Corporation LSHD-A101 Datasheet HTML 3Page - Lite-On Technology Corporation LSHD-A101 Datasheet HTML 4Page - Lite-On Technology Corporation LSHD-A101 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
 

 
 !"#$



;.://503.: .2#.3

#+
.0?):;0:18::.3.: .2#.3
):.@8.6ABCD183664.$
>
#
388/):;0:18::.3.: .2#.3
"
#
):;0:18::.3.:032:#""=
#
.7.:/.-4302..: .2#.3

-
5.:032.#5.:038:.02.
3E
 3:02..#5.:038:.02.
3E
 41.:213/!9.4;/.032540.:/.1/03"!
%&!"#$

    
 

7.:02.8#8/%3./36.: .2#.3
%
"

!>"
>
µ1
%F#
%F#
.0?#//+07.4.23
λ5
!
#
%F"#
5.3:04. 04+13
∆λ
"
#
%F"#
#03+07.4.23
λ1
!>
#
%F"#
):;0:1-4302..: .2#.3
-
"
"!
-
%F"#
.7.:/.8::.3.: .2#.3
%

µ-F-
8#8/%3./36'03203
%#
"
%F#
3.8#8/%3./36/#.0/8:.1;30423/./:0143.:#903303055:G#03./
3.%##/%3.:0304..H40:02.$.6.:./5/.8:7.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com