Electronic Components Datasheet Search
  English  ▼

X  

CS4630 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4630 Datasheet HTML 14Page - Cirrus Logic CS4630 Datasheet HTML 15Page - Cirrus Logic CS4630 Datasheet HTML 16Page - Cirrus Logic CS4630 Datasheet HTML 17Page - Cirrus Logic CS4630 Datasheet HTML 18Page - Cirrus Logic CS4630 Datasheet HTML 19Page - Cirrus Logic CS4630 Datasheet HTML 20Page - Cirrus Logic CS4630 Datasheet HTML 21Page - Cirrus Logic CS4630 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
CS4630
18
DS445PP1
Subsystem ID
R/O Defaults to 0000h if EEPROM is not present,
otherwise loaded from the EEPROM.
Writable via Configuration Space Offset 0xFEh
or BA0:4B4h.
Subsystem Vendor ID
R/O Defaults to 0000h if EEPROM is not
present, otherwise loaded from the EEPROM.
Writable via Configuration Space Offset 0xFCh
or BA0:4B4h.
2Ch
Expansion ROM Base Address: R/O 00000000h, Unused
30h
Reserved: R/O 00000000h
34h
Reserved: R/O 00000000h
38h
Max_Lat: R/O 18h
24 x 0.25uS = 6 uS
Min_Gnt: R/O 04h
4 x 0.25uS = 1uS
Interrupt Pin:
R/O 01h, INTA used
Interrupt Line:
R/W, default 0
3Ch
PMC
Bit 15: PME# from D3cold: R/O 0(default) or
1(configurable)
Bit 14: PME# from D3hot: R/O 0(default) or
1(configurable)
Bit 13: PME# from D2: R/O 0(default) or
1(configurable)
Bit 12: PME# from D1: R/O 0(default) or
1(configurable)
Bit 11: PME# from D0: R/O 0(default) or
1(configurable)
Bit 10: D2 support: R/O 1
Bit 9: D1 support: R/O 1
Bit 8-6:Aux Current: R/O 000(default) or configurable
Bit 5: Device Specific init: R/O 1
Bit 4: Auxiliary power: R/O 0
Bit 3: PME# clock: R/O 0
Bit 2-0: Version: R/O 010
Next Item Pointer:
R/O 0h
Capability ID:
R/O 1h
40h
Data: R/O 0
PMCSR_BSE: R/O 0
PMCSR
Bit 15: PME# status: R/W 0
Bit 14-13: Data scale: R/O 00
Bit 12-9: Data select: R/O 0000
Bit 8: PME_En: R/W 0
Bit 7-2: Reserved: R/O 000000
Bit 1-0: Power state: R/W 00
44h
Dynamic Config Register
Bit 31: PME Support Shadow bit: R/W 0
Bit 30: Reserved: R/W 0
Bits 29-27: Aux Current Shadow bits: R/O 000
Bits 26-24: Reserved: R/O 000
Bits 23-16: Dynamic CNFG bits 23-16: R/W 0h
Dynamic Config Register
Bits 15-0: Dynamic CNFG bits 15-0: R/W 0h
F8h
Subsystem ID shadow register
0FEh W/O shadow Subsystem ID (0x2E)
Subsystem Vendor ID shadow register
0FCh W/O shadow Subsystem ID (0x2C)
FCh
Byte 3
Byte 2
Byte 1
Byte 0
Offset
Table 2. PCI Configuration Space (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com