Electronic Components Datasheet Search
  English  ▼

X  

CS4811 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4811 Datasheet HTML 11Page - Cirrus Logic CS4811 Datasheet HTML 12Page - Cirrus Logic CS4811 Datasheet HTML 13Page - Cirrus Logic CS4811 Datasheet HTML 14Page - Cirrus Logic CS4811 Datasheet HTML 15Page - Cirrus Logic CS4811 Datasheet HTML 16Page - Cirrus Logic CS4811 Datasheet HTML 17Page - Cirrus Logic CS4811 Datasheet HTML 18Page - Cirrus Logic CS4811 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
CS4811
DS486PP2
15
dress byte. The slave address consists of the 4 most
significant bits set to 1010, the following 3 bits cor-
responding to the device select bits, A2, A1 and A0
set to 000 and the last bit (R/W) set to 0. Following
this, a 2-byte EEPROM starting address of 0x0000
is sent to the EEPROM. The 2-byte EEPROM
starting address uses only the lowest 13 bits and
sets the highest 3 bits to zero. To begin reading
from the EEPROM, the CS4811 sends another start
condition followed by a read preamble. The read
preamble is identical to the write preamble except
for the state of the R/W bit. The CS4811 then auto-
matically clocks out sequential bytes from the EE-
PROM until the last byte has been received. These
bytes include initialization and configuration data
for the device along with the application firmware
code. After the last byte, the CS4811 initiates a stop
condition and begins program execution. At this
point, the serial control port becomes inactive and
cannot be accessed.
3.6
Resets
Full chip reset can only be achieved by asserting
the RST pin. With RST asserted, the chip enters
low power mode during which the control port,
CODEC and Audio Processor are reset, all registers
are returned to their default values and the DAC
outputs are muted. The RST pin should be asserted
during power-up until the power supplies have
reached steady state.
If the supply voltage drops below 4 Volts, the CO-
DEC is reset, the DAC outputs are muted and the
Audio Processor automatically executes a soft re-
set.
Upon exit from a CODEC reset, the Audio Proces-
sor restarts the application code and the CODEC
performs the following procedure:
•
The CODEC resynchronizes.
•
The DAC outputs unmute.
0
1
2
3
16 17 18 19
25 26 27 28 29
CHIP ADDRESS (WRITE)
CHIP ADDRESS (READ)
MEMORY ADDRESS
DATA
DATA +n
START
ACK
NO
START
STOP
ACK
ACK
ACK
ACK
1
0
1
0
A
2
A
1
A
0
0
0
0
0
0
0
0
1
0
1
0
A
2
A
1
A
0
1
7
0
7
0
SCL
SDA
34 35 36 37
30 31 32 33
8
9
10
4
5
6
7
Figure 10. Control Port Timing, I
2C Master Mode Self-Boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com