Electronic Components Datasheet Search
  English  ▼

X  

SS54B Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # SS54B
Description  SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS54B Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  SS54B Datasheet HTML 1Page - Bruckewell Technology LTD SS54B Datasheet HTML 2Page - Bruckewell Technology LTD SS54B Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bruckewell Technology Corp., Ltd.
Electrical characteristics (Tc=25°C unless otherwise noted)
Value
Unit
Parameter
Symbol
Typical
Max
Instantaneous forward voltage
at IF=5A, Tj=25°C
0.49
0.55
VF
V
Maximum reverse current
at Tj=25°C
0.5
m'A
at working peak reverse voltage Tj=125°C
IR
50
m'A
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Value
Unit
Symbol
SS54B
RθJL
10
Typical thermal resistance
Rthja
40
°C/W
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com