Electronic Components Datasheet Search
  English  ▼

X  

CS49300 Datasheet(PDF) 85 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 78Page - Cirrus Logic CS49300 Datasheet HTML 79Page - Cirrus Logic CS49300 Datasheet HTML 80Page - Cirrus Logic CS49300 Datasheet HTML 81Page - Cirrus Logic CS49300 Datasheet HTML 82Page - Cirrus Logic CS49300 Datasheet HTML 83Page - Cirrus Logic CS49300 Datasheet HTML 84Page - Cirrus Logic CS49300 Datasheet HTML 85Page - Cirrus Logic CS49300 Datasheet HTML 86Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
CS49300 Family DSP
DS339PP4
85
13. ORDERING INFORMATION
CS493002-CL 44-Pin PLCC
Temp Range 0-70º C
CS493102-CL 44-Pin PLCC
Temp Range 0-70º C
CS493112-CL 44-Pin PLCC
Temp Range 0-70º C
CS493122-CL 44-Pin PLCC
Temp Range 0-70º C
CS493253-CL 44-Pin PLCC
Temp Range 0-70º C
CS493253-IL 44-Pin PLCC
Temp Range -40-85º C
CS493254-CL 44-Pin PLCC
Temp Range 0-70º C
CS493254-IL 44-Pin PLCC
Temp Range -40-85º C
CS493263-CL 44-Pin PLCC
Temp Range 0-70º C
CS493263-IL 44-Pin PLCC
Temp Range -40-85º C
CS493264-CL 44-Pin PLCC
Temp Range 0-70º C
CS493264-IL 44-Pin PLCC
Temp Range -40-85º C
CS493292-CL 44-Pin PLCC
Temp Range 0-70º C
CS493302-CL 44-Pin PLCC
Temp Range 0-70º C
CS493302-IL 44-Pin PLCC
Temp Range -40-85º C
14. PACKAGE DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.165
0.180
4.191
4.572
A1
0.090
0.120
2.286
3.048
B
0.013
0.021
.330
0.533
D
0.685
0.695
17.399
17.653
D1
0.650
0.656
16.510
16.662
D2
0.590
0.630
14.986
16.002
E
0.685
0.695
17.399
17.653
E1
0.650
0.656
16.510
16.662
E2
0.590
0.630
14.986
16.002
e
0.040
0.060
.102
1.524
44L PLCC PACKAGE DRAWING
D1
D
E1 E
D2/E2
B
e
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com