Electronic Components Datasheet Search
  English  ▼

X  

59-313 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 59-313
Description  MINIATURE METAL PANEL SEALED PUSHBUTTON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

59-313 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  59-313 Datasheet HTML 1Page - List of Unclassifed Manufacturers 59-313 Datasheet HTML 2Page - List of Unclassifed Manufacturers 59-313 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MECHANICAL / ELECTRICAL
CHARACTERISTICS:
Travel (nom):
2.3mm (.090 in.)
Life (max):
1,000,000 cycles
Operating force (nom):
3N / 306 grams
Contact bounce (nom):
1 millisecond
Panel thickness (max):
3mm (.118 in.)
Dielectric strength:
1000 VAC
Insulation resistance:
1 GΩ
Contact resistance (initial):
50 mΩ (Max)
Current rating (typical):
400mA at 32 VAC resistive
100mA at 50 VDC resistive
125mA at 125 VAC resistive
Shock:
100G
Operating temp range:
-55°C to +125°C
(-67°F to +257°F)
Body material:
zinc alloy, black
Button material:
PBT thermoplastic
Contacts:
gold plated palladium nickel
Terminals:
gold plated brass
800.544.3354
SERIES 59: MINIATURE PANEL SEALED METAL
Designs and specifications are subject to change
without notice due to product improvement.
37
PUSHBUTTON SWITCHES
M12 X 1.0 BRITISH
ISO METRIC THD
BRASS LOCKNUT
GOLD PLATED BRASS
SOLDER TERM (2)
BUTTON COLOR
BLACK BEZEL
ROUND BEZEL
HIGH ROUND BEZEL
SQUARE BEZEL
17.5 ø
----
.69 DIA
.69 DIA
----
17.5 ø
17.5 SQ
-----
.69 SQ
RECOMMENDED PANEL CUT-OUT
12.95/12.90
---------
.509 ± .001
13.65/13.60 ø
----------
.536 ± .001 DIA
4.5
-- REF (2)
.18
13.0
---
.51
7.0
--
.28
5.1
--
.20
.51
---
13.0
.28
--
7.0
13.0
---
.51
7.3
--
.29
SEALING "O" RING
(UNDER BEZEL)
PRODUCT DRAWINGS
The series 59 mounts easily into panels of minimum 1.5mm (.060 in.) and
maximum 3mm (.118 in.) thickness. Front panel sealing to IP67 is achieved by a
sealing “O” ring fitted into a premachined groove on the body of the switch
before it is inserted into the panel hole cut-out. It is held onto the panel by means
of a brass hex nut tightened down by a 14mm spanner, to a torque of between
1.5Nm to 3.0Nm to achieve the correct sealing pressure. A “D” flat is provided to
prevent rotation.
PANEL MOUNTING AND CONSTRUCTION INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com