Electronic Components Datasheet Search
  English  ▼

X  

CS4952 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4952
Description  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4952 Datasheet HTML 11Page - Cirrus Logic CS4952 Datasheet HTML 12Page - Cirrus Logic CS4952 Datasheet HTML 13Page - Cirrus Logic CS4952 Datasheet HTML 14Page - Cirrus Logic CS4952 Datasheet HTML 15Page - Cirrus Logic CS4952 Datasheet HTML 16Page - Cirrus Logic CS4952 Datasheet HTML 17Page - Cirrus Logic CS4952 Datasheet HTML 18Page - Cirrus Logic CS4952 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
CS4952/53
DS223PP2
15
outputs to schedule the proper external delivery of
digital video into the V [7:0] pins. Figure 7 illus-
trates horizontal timing for CCIR601 input in Mas-
ter Mode. Note that the CS4952/3 expects to
receive the first active pixel data on clock cycle 245
(NTSC)
when
bit
SYNC_DLY=0
in
the
CONTROL_2
Register
(0x02).
When
SYNC_DLY=1, it expects the first active pixel data
on clock cycle 246 (NTSC).
Vertical Timing
The CS4952/3 can be selected through the
CONTROL_0 register (0x00) to operate in four
different timing modes: PAL which is 625 vertical
lines 25 frames per second interlaced, NTSC which
is 525 vertical lines 30 frames per second interlaced
and both PAL and NTSC again but in Progressive
Scan where the display is non-interlaced.
The CS4952/3 conforms to standard digital decom-
pression dimensions and does not process digital
input data for the active analog video half lines as
they are typically in the over/underscan region of
televisions. For NTSC, 240 active lines total per
field are processed and for PAL 288 active lines to-
tal per field. Frame vertical dimensions are 480
lines for NTSC and 576 lines for PAL. Table 1
specifies active line numbers for both NTSC and
PAL. Refer to Figure 8 for HSYNC, VSYNC and
FIELD signal timing.
Table 1. Vertical Timing
Horizontal Timing
HSYNC is used to synchronize the horizontal input
to output timing in order to provide proper horizon-
tal alignment. HSYNC defaults to an input pin fol-
lowing RESET but switches to output in Master
Mode (CONTROL_0 [4] = 1). Horizontal timing is
referenced to HSYNC transitioning low. For active
video lines, digital video input is to be applied to
the V [7:0] inputs 244 (NTSC) or 264 (PAL), CLK
periods following HSYNC going low to determine
the horizontal alignment of the active video.
CLK
1706
active pixel
#720
HSYNC* (output)
V[7:0]
(SYNC_DLY=0)
1705
1704
1703
1728
1
2
3
128
129
264
265
266
267
268
1686
1685
1684
1683
1716
1
2
3
128
129
244
245
246
247
248
YCr
Y
Cb
Y
Cr
Y
horizontal blanking
active pixel
#1
active pixel
#2
• • •
• • •
• • •
• • •
• • •
• • •
• • •
NTSC 27MHz Clock Count
PAL 27MHz Clock Count
CB* (output)
1702
1682
active pixel
#720
V[7:0]
(SYNC_DLY=1)
YCr
Y
Cb
Y
Cr
horizontal blanking
active pixel
#1
active pixel
#2
active pixel
#719
Cb
Figure 7. CCIR601 Input Master Mode Horizontal Timing
MODE
FIELD
ACTIVE
LINES
NTSC
1, 3
2, 4
22-261
285-524
PAL
1, 3, 5, 7
2, 4, 6, 8
23-310
336-623
NTSC Progressive-Scan
NA
22-261
PAL Progressive-Scan
NA
23-310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com