Electronic Components Datasheet Search
  English  ▼

X  

3N80Z Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N80Z
Description  3 Amps, 800Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N80Z Datasheet(HTML) 1 Page - Unisonic Technologies

  3N80Z Datasheet HTML 1Page - Unisonic Technologies 3N80Z Datasheet HTML 2Page - Unisonic Technologies 3N80Z Datasheet HTML 3Page - Unisonic Technologies 3N80Z Datasheet HTML 4Page - Unisonic Technologies 3N80Z Datasheet HTML 5Page - Unisonic Technologies 3N80Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N80Z
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-912.a
3 Amps, 800Volts
N-CHANNEL POWER
MOSFET
DESCRIPTION
The UTC 3N80Z provide excellent RDS(ON), low gate charge
and operation with low gate voltages. This device is suitable
for use as a load switch or in PWM applications.
FEATURES
* RDS(ON)=3.2Ω @VGS=10 V
* Ultra Low Gate Charge ( typical 19 nC )
* Low Reverse Transfer Capacitance ( CRSS = Typical 11 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
3N80ZL-TF1-T
3N80ZG-TF1-T
TO-220F1
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 3N80Z

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
3N80ZG-TF1-T VBSEMI-3N80ZG-TF1-T Datasheet
1Mb / 9P
Power MOSFET
3N80ZL-TF1-T VBSEMI-3N80ZL-TF1-T Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - 3N80Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF3N02HD ONSEMI-MMDF3N02HD Datasheet
127Kb / 12P
Power MOSFET 3 Amps, 20 Volts N-Channel SO-, DuaL
November, 2000 ??Rev. 6
logo
Unisonic Technologies
3N60 UTC-3N60 Datasheet
162Kb / 8P
3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
3 Amps, 500 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60_09 Datasheet
363Kb / 8P
3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N70 UTC-3N70 Datasheet
273Kb / 7P
3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
3N80 UTC-3N80_11 Datasheet
210Kb / 6P
3 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N90 UTC-3N90 Datasheet
223Kb / 6P
3 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N80_1108 UTC-3N80_1108 Datasheet
222Kb / 6P
3 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N90Z UTC-3N90Z Datasheet
185Kb / 6P
3 Amps, 900 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK3N80P FS-FTK3N80P Datasheet
223Kb / 6P
3 Amps, 800 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com