Electronic Components Datasheet Search
  English  ▼

X  

CS5126 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5126 Datasheet HTML 11Page - Cirrus Logic CS5126 Datasheet HTML 12Page - Cirrus Logic CS5126 Datasheet HTML 13Page - Cirrus Logic CS5126 Datasheet HTML 14Page - Cirrus Logic CS5126 Datasheet HTML 15Page - Cirrus Logic CS5126 Datasheet HTML 16Page - Cirrus Logic CS5126 Datasheet HTML 17Page - Cirrus Logic CS5126 Datasheet HTML 18Page - Cirrus Logic CS5126 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
supplies must always remain above the mini-
mum specification.
As with any high-precision A/D converter, the
CS5126 requires careful attention to grounding
and layout arrangements. However, no unique
layout issues must be addressed to properly ap-
ply the CS5126. The CDB5126 evaluation board
is available for the CS5126, which avoids the
need to design, build, and debug a high-preci-
sion PC board to initially characterize the part.
The board comes with a socketed CS5126, and
can be quickly reconfigured to simulate any
combination of sampling and master clock con-
ditions.
Power Supply Rejection
The CS5126 features a fully differential compa-
rator design, resulting in superior power supply
rejection. Rejection is further enhanced by the
on-chip self-calibration and "auto-zero" process.
Figure 14 shows worst-case rejection for all
combinations of conversion rates and input con-
ditions.
Power Supply Ripple Frequency
1 kHz
10 kHz
100 kHz
1 MHz
90
80
70
60
50
40
30
20
Figure 14. Power Supply Rejection
Schematic & Layout Review Service
Confirm Optimum
Schematic & Layout
Before Building Your Board.
Confirm Optimum
Schematic & Layout
Before Building Your Board.
For Our Free Review Service
Call Applications Engineering.
For Our Free Review Service
Call Applications Engineering.
Call: (512) 445-7222
CS5126
DS32F1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com