Electronic Components Datasheet Search
  English  ▼

X  

MDB28 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MDB28
Description  Surface Mount Schottky Bridge Rectifiers REVERSE VOLTAGE: 20 - 100 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MDB28 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MDB28 Datasheet HTML 1Page - Bruckewell Technology LTD MDB28 Datasheet HTML 2Page - Bruckewell Technology LTD MDB28 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bruckewell Technology Corp., Ltd.
Surface Mount Schottky Bridge Rectifiers
REVERSE VOLTAGE: 20 - 100 V
MDB22S-MDB210S
FEATURES
High Temperature Soldering Guaranteed:260 C/10 Second
Saves Space On Printed Circuit Board
MECHANICAL DATA
Case:
MBS
Epoxy: UL94V-O rate flame retardant
Lead: Lead Formed for Surface Mount
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
MDB22
MDB24
MDB26
MDB28
MDB210
Unit
Maximum repetitive peak reverse
voltage
VRRM
20
40
60
80
100
V
Working peak reverse voltage
VRWM
14
28
42
56
70
V
Maximum DC blocking voltage
VDC
20
40
60
80
100
V
Maximum average forward rectified
current
Total device
IF(AV)
2
A
Peak forward surge current
8.3ms single half sine-wave
superimposed
on rated load (JEDEC Method)
IFSM
50
A
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Maximun instantaneous
at IF=1A, Tj=25°C
VF
0.45
0.50
0.70
0.85
0.85
V
Maximum reverse current
Tj=25°C
500
u'A
at working peak reverse voltage
Tj=125°C
IR
20
m'A
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Unit
RθJA
85
Typical thermal resistance
Rthjl
28
°C/W
NOTE:
1.Pulse test: Pulse width 300us, duty cycle 1%


Similar Part No. - MDB28

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MDB LITTELFUSE-MDB Datasheet
203Kb / 2P
MDB SERIES MIDI POWER DISTRIBUTION FUSE HOLDER
logo
BOWEI Integrated Circui...
MDB-01 BOWEI-MDB-01 Datasheet
130Kb / 1P
Broadband Double-balance Mixer
MDB-01M BOWEI-MDB-01M Datasheet
130Kb / 1P
Broadband Double-balance Mixer
MDB-01S BOWEI-MDB-01S Datasheet
130Kb / 1P
Broadband Double-balance Mixer
MDB-02 BOWEI-MDB-02 Datasheet
129Kb / 1P
Broadband Double-balanced Mixer
More results

Similar Description - MDB28

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS22A-210A BWTECH-SS22A-210A Datasheet
363Kb / 4P
Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
SS32A-3100A BWTECH-SS32A-3100A Datasheet
362Kb / 4P
Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
SS32-SS3100 BWTECH-SS32-SS3100 Datasheet
362Kb / 4P
Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
SS32A-310A BWTECH-SS32A-310A Datasheet
362Kb / 4P
Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE: 20 - 100 V
SS32B-SS3100B BWTECH-SS32B-SS3100B Datasheet
363Kb / 4P
Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE: 20 - 100 V
logo
GOOD-ARK Electronics
LMS12 GOOD-ARK-LMS12_15 Datasheet
199Kb / 4P
Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 20~40V Output Current 1A
LMS22 GOOD-ARK-LMS22_15 Datasheet
194Kb / 4P
Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 20~40V Output Current 2A
MB12S GOOD-ARK-MB12S Datasheet
173Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 1.0 Ampere
MB22S GOOD-ARK-MB22S Datasheet
105Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
logo
First Silicon Co., Ltd
MB22S FS-MB22S Datasheet
142Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com