Electronic Components Datasheet Search
  English  ▼

X  

GXP Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # GXP
Description  2-electrode Spark Gap
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

GXP Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  GXP Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd GXP Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd GXP Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd GXP Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd GXP Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
2-electrode Spark Gap - GXP Series
· Storage Conditions:
1. Storage Temperature: -10°C~+40°C
2. Relative Humidity:≤75%RH
3. Keep away from corrosive atmosphere and sunlight.
· Period of Storage: 1 year
Warehouse Storage Conditions of Products
OUTLINE (All dimensions in millimetres)
Φ29.0
MAX
64.0
MAX
Φ9.5 ± 0.5
CONTACT CAP
Φ29.0
MAX
HOLE THREADEDM3x 5.0 MIN DEEP
42.0
MAX
42.0
MAX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com