Electronic Components Datasheet Search
  English  ▼

X  

MB12S Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MB12S
Description  Surface Mount Schottky Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MB12S Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MB12S Datasheet HTML 1Page - Bruckewell Technology LTD MB12S Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bruckewell Technology Corp., Ltd.
Surface Mount Schottky Bridge Rectifiers
REVERSE VOLTAGE: 20 - 100 V
MB12S-MB110S
FEATURES
High Temperature Soldering Guaranteed:260 C/10 Second
Saves Space On Printed Circuit Board
MECHANICAL DATA
Case:
MBS
Epoxy: UL94V-O rate flame retardant
Lead: Lead Formed for Surface Mount
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
MB12S
MB14S
MB16S
MB18S
MB110S
Unit
Maximum repetitive peak reverse
voltage
VRRM
20
40
60
80
100
V
Working peak reverse voltage
VRWM
14
28
42
56
70
V
Maximum DC blocking voltage
VDC
20
40
60
80
100
V
Maximum average forward rectified
current
Total device
IF(AV)
1
A
Peak forward surge current
8.3ms single half sine-wave
superimposed
on rated load (JEDEC Method)
IFSM
30
A
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Maximun instantaneous
at IF=1A, Tj=25°C
VF
0.50
0.50
0.70
0.85
0.85
V
Maximum reverse current
Tj=25°C
500
u'A
at working peak reverse voltage
Tj=125°C
IR
20
m'A
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Unit
RθJA
85
Typical thermal resistance
Rthjl
28
°C/W
NOTE
1.Pulse test: Pulse width 300us, duty cycle 1%
⽂文字


Similar Part No. - MB12S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB12S MCC-MB12S Datasheet
400Kb / 3P
1 Amp Surface Mount Schottky Bridge Rectifier 20 to 100 Volts
logo
WILLAS ELECTRONIC CORP
MB12S WILLAS-MB12S Datasheet
391Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS -20V- 100V
logo
Shenzhen Luguang Electr...
MB12S LUGUANG-MB12S Datasheet
524Kb / 2P
1 Amp Surface mount Schottky Bridge Rectifier 20 to 100 V
logo
GOOD-ARK Electronics
MB12S GOOD-ARK-MB12S Datasheet
173Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 1.0 Ampere
logo
Diotech Company.
MB12S DIOTECH-MB12S Datasheet
762Kb / 2P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
More results

Similar Description - MB12S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S_07 Datasheet
115Kb / 2P
Surface Mount Schottky-Bridge-Rectifiers
logo
Bruckewell Technology L...
MB22S BWTECH-MB22S Datasheet
346Kb / 4P
Surface Mount Schottky Bridge Rectifiers
MB12S BWTECH-MB12S_15 Datasheet
443Kb / 4P
Surface Mount Schottky Bridge Rectifiers
logo
Guangdong Juxing Electr...
KMB12J JUXING-KMB12J Datasheet
755Kb / 3P
Surface Mount Schottky Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
MB14F-PJ PJSEMI-MB14F-PJ Datasheet
253Kb / 3P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
TB14F-PJ PJSEMI-TB14F-PJ Datasheet
453Kb / 3P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KMB12F JUXING-KMB12F_V01 Datasheet
1Mb / 2P
Surface Mount Schottky Bridge Rectifiers
KMB12J JUXING-KMB12J_V01 Datasheet
957Kb / 3P
Surface Mount Schottky Bridge Rectifiers
KMB22F JUXING-KMB22F_V01 Datasheet
951Kb / 2P
Surface Mount Schottky Bridge Rectifiers
logo
Shanghai Leiditech Elec...
KMB12F-S LEIDITECH-KMB12F-S Datasheet
706Kb / 3P
Surface Mount Schottky Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com