Electronic Components Datasheet Search
  English  ▼

X  

RLSD32A Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLSD32A
Description  TVS/ESD Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLSD32A Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  RLSD32A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLSD32A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLSD32A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLSD32A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLSD32A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLSD32A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLSD32A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TVS/ESD Arrays - RLSD32A Series
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
• 350 Watts peak pulse power (tp = 8/20μs)
• Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20μs)
• Small package for use in portable electronics
• Suitable replacement for MLV’s in ESD protection
applications
• Protects one I/O or power line
• Low clamping voltage
• Low leakage current
Features
Mechanical Characteristics
• SOD-323 package
• Molding compound flammability rating: UL 94V-0
• Packaging: Tape and Reel per EIA 481
• Lead Finish: Matte tin
• RoHS Compliant
Applications
• Cell Phone Handsets and Accessories
• Microprocessor based equipment
• Personal Digital Assistants (PDA’s)
• Notebooks, Desktops, and Servers
• Portable Instrumentation
• Pagers Peripherals
• Not Intended for Use in Life Support or Life
Saving Applications
• The products shown herein are not designed
for use in life sustaining or life saving
applications unless otherwise expressly indicated
Life Support Note
Pinout and Functional Block Diagram
UNI
BI
1
2
1
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com