Electronic Components Datasheet Search
  English  ▼

X  

RLSD52A151V Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLSD52A151V
Description  TVS/ESD Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLSD52A151V Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  RLSD52A151V Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLSD52A151V Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLSD52A151V Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLSD52A151V Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLSD52A151V Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLSD52A151V Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLSD52A151V Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TVS/ESD Arrays - RLSD52A Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Absolute Maximum Rating
Rating
Symbol
Value
Units
Peak Pulse Power (tp =8/20μs)
Ppk
200
Watts
Maximum Peak Pulse Current (tp = 8/20μs)
IPP
8
Amps
ESD per IEC 61000-4-2 (Air)
VPP
+/-30
Kv
ESD per IEC 61000-4-2 (Contact)
VPP
+/-15
Kv
Lead Soldering Temperature
TL
260 (10 sec.)
°C
Operating Temperature
TJ
-55 to +125
°C
Storage Temperature
TSTG
-55 to +150
°C
Type Number
Peak
Power
Dissipation
@8/20μS
Pppm
Reverse
Stand-Off
Voltage
Peak Pulse
Voltage
@8/20μS
Pppm
Peak Pulse
Current
@8/20μS
Pppm
Reverse
Leakage
@Vrwm
Maximum
Capacitance
@1MHZ
Vrwm
Vc@IPP
IPP
IR@Vrwm
Co
Max
Max
Max
UNI
BI
W
V
V
A
μA
UNI(pF)
BI(pF)
RLSD52A031V RLSD52A031C
200
3.3
6.5
5
1
200
100
RLSD52A051V RLSD52A051C
200
5
9
5
1
110
55
RLSD52A061V RLSD52A061C
200
6
10
5
1
80
40
RLSD52A081V RLSD52A081C
200
8
15
5
1
70
35
RLSD52A121V RLSD52A121C
200
12
17
5
1
60
30
RLSD52A151V RLSD52A151C
200
15
22
5
1
50
25
RLSD52A181V RLSD52A181C
200
18
28
5
1
40
20
RLSD52A241V RLSD52A241C
200
24
32
3
1
25
12
RLSD52A361V RLSD52A361C
200
36
55
1
1
20
10
ElectrIcal CharacterlstIcs Per Lin (@ 25°C Unless Otherwise Specified)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com