Electronic Components Datasheet Search
  English  ▼

X  

5N25 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 5N25
Description  3.8A, 250V LOGIC N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N25 Datasheet(HTML) 3 Page - Unisonic Technologies

  5N25 Datasheet HTML 1Page - Unisonic Technologies 5N25 Datasheet HTML 2Page - Unisonic Technologies 5N25 Datasheet HTML 3Page - Unisonic Technologies 5N25 Datasheet HTML 4Page - Unisonic Technologies 5N25 Datasheet HTML 5Page - Unisonic Technologies 5N25 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5N25
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-852.b
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
250
V
Breakdown Voltage Temperature
Coefficient
△
BVDSS △
/TJ Reference to 25°C, ID=250µA
0.18
V/°C
Drain-Source Leakage Current
IDSS
VDS=250V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100 nA
Reverse
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
4
V
Static Drain-Source On-State Resistance
(Note 1)
RDS(ON)
VGS=10V, ID=1.9A
0.74 1.2
Ω
VGS=5V, ID=1.9A
0.92 1.25
Ω
Forward Transconductance
gFS
VDS=30V, ID=1.9A
3.35
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
250 325
pF
Output Capacitance
COSS
40
50
pF
Reverse Transfer Capacitance
CRSS
6
8
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=5V, VDS=160V, ID=4.5A
(Note 1, 2)
14
20
nC
Gate to Source Charge
QGS
1.2
nC
Gate to Drain Charge
QGD
2.4
nC
Turn-ON Delay Time
tD(ON)
VDD=100V, ID=4.5A, RG=25Ω
(Note 1, 2)
28
40
ns
Rise Time
tR
24
80
ns
Turn-OFF Delay Time
tD(OFF)
80
110
ns
Fall-Time
tF
20
90
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
3.8
A
Maximum Body-Diode Pulsed Current
ISM
9
A
Drain-Source Diode Forward Voltage
VSD
IS=3.8A, VGS=0V
1.5
V
Body Diode Reverse Recovery Time
tRR
IS=4.5A, VGS=0V, dIF/dt=100A/µs
(Note 1)
95
ns
Body Diode Reverse Recovery Charge
QRR
0.3
µC
Notes: 1. Pulse Test: Pulse width≤300µs, Duty cycle≤2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com