Electronic Components Datasheet Search
  English  ▼

X  

CS5360 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5360
Description  24-Bit Stereo A/D Converter for Digital Audio
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5360 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5360 Datasheet HTML 14Page - Cirrus Logic CS5360 Datasheet HTML 15Page - Cirrus Logic CS5360 Datasheet HTML 16Page - Cirrus Logic CS5360 Datasheet HTML 17Page - Cirrus Logic CS5360 Datasheet HTML 18Page - Cirrus Logic CS5360 Datasheet HTML 19Page - Cirrus Logic CS5360 Datasheet HTML 20Page - Cirrus Logic CS5360 Datasheet HTML 21Page - Cirrus Logic CS5360 Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
CS5360
18
DS280PP2
Differential Right Channel Analog Input - AINR+, AINR-
Pin 13 and Pin 14, Input
Function:
Analog input connections of the right channel differential inputs. Typically 2 Vrms differential (1Vrms for
each input pin) for a full-scale analog input signal.
Common Mode Output - CMOUT
Pin 15, Output
Function:
This output, nominally 2.2 V, can be used to bias the analog input circuitry to the common mode voltage
of the CS5360. CMOUT is not buffered and the maximum current is 10 µA.
Differential Left Channel Analog Input - AINL+, AINL-
Pin 16 and Pin 17, Input
Function:
Analog input connections of the left channel differential inputs. Typically 2 Vrms differential (1Vrms for
each input pin) for a full-scale analog input signal.
Reset - RST
Pin 18, Input
Function:
A low logic level on this pin activates Reset.
Digital Interface Format - DIF0, DIF1
Pins 19 and 20, Input
Function:
These two pins select one of 3 digital interface formats or power-down. The format determines the
relationship between SCLK, LRCK and SDATA. The formats are detailed in Figures 8-10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com