Electronic Components Datasheet Search
  English  ▼

X  

2SC2625B Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 2SC2625B
Description  Silicon NPN triple diffusion planar transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SC2625B Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  2SC2625B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SC2625B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SC2625B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.1 Collector output characteristics
Collector emitter voltage, V
(V)
CE
Collector Current l (A)
C
Fig.4 DC Current gain
Collector current, l (A)
C
Fig.5 Safe operating area
Collector-Emitter Voltage, V
(V)
CE
Fig.3 Switching time
Collector current, I (A)
C
Fig.2 Base and collector saturation voltage
T = 25°C
C
900m
A
700m
A
500m
A
300mA
200mA
l = 100mA
B
14
12
10
8
6
4
2
0
14
12
10
8
6
4
2
0
3
1
0.5
3
1
0.5
0.3
0.1
0.05
0.3
0.01
T = 25°C
C
l = 5l
C
B
VBE(sat)
VCE(sat)
0.03
0.05
10
5
3
1
0.5
0.3
0.1
0.3
0.5
1
3
5
10
T = 25°C
C
l = 5l =5l
C
B
B2
tSTG
tON
tF
30
10
5
3
1
300
200
100
50
30
10
5
3
1
0.5
3
1
0.1
0.3
0.03
0.05
10
5
V
= 5V
CE
T = 120°C
C
25°C
-20°C
-40°C
0.5
0.3
0.1
0.05
0.03
1
3
5
10
30 50 100
300
500
T = 25°C
C
Single Pulse
50
µs
100
µs
200
µs
500
µs
P
= 1ms
w
Page 3 of 3
www.nellsemi.com
2SC2625B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com