Electronic Components Datasheet Search
  English  ▼

X  

2SC5027 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 2SC5027
Description  Silicon NPN triple diffusion planar transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SC5027 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  2SC5027 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SC5027 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SC5027 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 2SC5027 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 2SC5027 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Silicon NPN triple diffusion planar transistor
Nell High Power Products
2SC5027 Series
3A/ 800V / 50W
ABSOLUTE MAXIMUM RATINGS (T = 25°C)
c
UNIT
V
PC
ICP
Tstg
PARAMETER
Collector to emitter voltage
ºC
7
10
3
Peak collector current
(PW ≤ 300µs, duty cycle ≤ 10%)
Collector current
Base current
Collector power dissipation
Junction temperature
850
800
50
1.5
VALUE
VCBO
Tj
-55 to 150
150
A
Collector to base voltage
Emitter to base voltage
SYMBOL
VCEO
VEBO
IC
IB
T = 25°C
C
Storage temperature
W
Page 1 of 5
www.nellsemi.com
High-speed switching
High breakdown voltage and high reliability
Wide SOA (Safe Operation Area)
TO-220 package which can be installed to the
heat sink with one screw
Switching regulator and general purpose
TO-220AB
(2SC5027A)
TO-220F
(
)
2SC5027AF
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
NPN
C
B
E
C
B
E
C
B
E
C


Similar Part No. - 2SC5027

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5027 TOSHIBA-2SC5027 Datasheet
228Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DRIVER, CHROMA OUTPUT APPLICATIONS)
03-Feb-1997
logo
Unisonic Technologies
2SC5027 UTC-2SC5027 Datasheet
50Kb / 4P
HIGH VOLTAGE AND HIGH RELIABILITY
2SC5027 UTC-2SC5027 Datasheet
55Kb / 4P
HIGH VOLTAGE AND HIGH RELIABILITY
logo
Foshan Blue Rocket Elec...
2SC5027 FOSHAN-2SC5027 Datasheet
436Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
logo
New Jersey Semi-Conduct...
2SC5027 NJSEMI-2SC5027 Datasheet
129Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5027

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
logo
Hi-Sincerity Mocroelect...
HBF4522D HSMC-HBF4522D Datasheet
32Kb / 3P
NPN TRIPLE DIFFUSION PLANAR TRANSISTOR
logo
Panasonic Semiconductor
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
logo
Nell Semiconductor Co.,...
2SC2625B NELLSEMI-2SC2625B Datasheet
258Kb / 3P
Silicon NPN triple diffusion planar transistor
2SC3320B NELLSEMI-2SC3320B Datasheet
250Kb / 3P
Silicon NPN triple diffusion planar transistor
2SC3679B NELLSEMI-2SC3679B Datasheet
238Kb / 3P
Silicon NPN triple diffusion planar transistor
2SC4110B NELLSEMI-2SC4110B Datasheet
271Kb / 4P
Silicon NPN triple diffusion planar transistor
2SC5198B NELLSEMI-2SC5198B Datasheet
227Kb / 3P
Silicon NPN triple diffusion planar transistor
FJA13009 NELLSEMI-FJA13009 Datasheet
278Kb / 4P
Silicon NPN triple diffusion planar transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com