Electronic Components Datasheet Search
  English  ▼

X  

BU941 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # BU941
Description  High Voltage lgnition Coil Driver, 15A, 400V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

BU941 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  BU941 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd BU941 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd BU941 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd BU941 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd BU941 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
UNIT
V
A
2.5
0.5
20
100
100
1.6
400
0.5
1.8
2.2
2.5
2.7
300
2
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
V
=0, V
=500V
BE
CE
TEST CONDITIONS
V
=0, V
=500V, T
°C
BE
CE
=125
j
I =0, V
=450V, T = 125°C
B
CE
j
I =0, V
=5V
C
EB
Diode forward voltage
Collector to emitter saturation voltage
Functional test
PARAMETER
Collector to emitter sustaining voltage
Emitter cut-off current
Base to emitter saturation voltage
Collector cut-off current
Collector cut-off current
SYMBOL
ICES
lCEO
V
*
CEO(SUS)
VCE(sat)*
VBE(sat)*
IEBO
VF
tf
15
Fall time
Srorage time
10
*Pulsed: Pulse duration= 300μs, duty cycle= 1.5%.
UNIT
Min.
1.00
0.97
THERMAL RESISTANCE
TO-220AB
TO-3P(B)
PARAMETER
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
Typ.
Max.
ºC/W
Page 2 of 5
www.nellsemi.com
0.5
RoHS
RoHS
BU941 Series
Min.
Typ.
Max.
I =0, V
=450V
B
CE
I =0, I =100mA, L=10mH,
B
C
V
=400V
clamp
I =8A, I =100mA
C
B
I =10A, I =250mA
C
B
I =12A, I =300mA
C
B
I =8A, I =100mA
C
B
I =10A, I =250mA
C
B
I =12A, I =300mA
C
B
DC current gain
hFE
I =10A
F
I = 5A, V
= 10V
C
CE
mA
μA
μA
mA
mA
V
V
=24V, L=7mH, V
=400V
CC
clamp
(see functional test circuit)
ts
V
=12V, V
=300V, V
=0,
CC
clamp
BE
R
=47Ω, L=7mH, I =7A, I =70mA
BE
C
B
ORDERING INFORMATION SCHEME
Darlington series
BU941 Type, 15A / 400V
A
Package type
A = TO-220AB
B = TO-3P(B)
μS
BU941



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com