Electronic Components Datasheet Search
  English  ▼

X  

CS5361 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5361
Description  111 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5361 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5361 Datasheet HTML 14Page - Cirrus Logic CS5361 Datasheet HTML 15Page - Cirrus Logic CS5361 Datasheet HTML 16Page - Cirrus Logic CS5361 Datasheet HTML 17Page - Cirrus Logic CS5361 Datasheet HTML 18Page - Cirrus Logic CS5361 Datasheet HTML 19Page - Cirrus Logic CS5361 Datasheet HTML 20Page - Cirrus Logic CS5361 Datasheet HTML 21Page - Cirrus Logic CS5361 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
CS5361
18
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT (Logic "0" = GND = 0 V;
Logic "1" = VL = 1.7V to 5.25V, VA = 5V
±5%, VD = 3.1V to 5.25V, CL = 20 pF)
Parameter
Symbol
Min
Typ
Max
Unit
Input Sample Rate
Single Speed Mode
Double Speed Mode
Quad Speed Mode
Fs
Fs
Fs
2
50
100
-
-
-
50
100
192
kHz
kHz
kHz
OVFL to LRCK edge setup time
tsetup
16/fsclk
--
s
OVFL to LRCK edge hold time
thold
1/fsclk
--
s
OVFL time-out on overrange condition
Fs = 44.1, 88.2, 176.4kHz
Fs = 48, 96, 192kHz
-
-
740
680
-
-
ms
ms
MCLK Specifications
MCLK Period
tclkw
40
-
1953
ns
MCLK Pulse Width High
tclkh
15
-
-
ns
MCLK Pulse Width Low
tclkl
15
-
-
ns
Master Mode
SCLK falling to LRCK
tmslr
-20
-
20
ns
SCLK falling to SDOUT valid
tsdo
0
-
40
ns
SCLK Duty Cycle
-
50
-
%
SCLK Output Frequency
-
50
-
%
Slave Mode
Single Speed
Output Sample Rate
Fs
2
-
50
kHz
LRCK Duty Cycle
40
50
60
%
SCLK Period
tsclkw
163
-
-
ns
SCLK High/Low
tsclkhl
20
-
-
ns
SCLK falling to SDOUT valid
tdss
-
-
40
ns
SCLK falling to LRCK edge
tslrd
-20
-
20
ns
Double Speed
Output Sample Rate
Fs
50
-
100
kHz
LRCK Duty Cycle
40
50
60
%
SCLK Period
tsclkw
163
-
-
ns
SCLK High/Low
tsclkhl
20
-
-
ns
SCLK falling to SDOUT valid
tdss
-
-
40
ns
SCLK falling to LRCK edge
tslrd
-20
-
20
ns
Quad Speed
Output Sample Rate
Fs
100
-
192
kHz
LRCK Duty Cycle
40
50
60
%
SCLK Period
tsclkw
81
-
-
ns
SCLK High/Low
tsclkhl
20
-
-
ns
SCLK falling to SDOUT valid
tdss
-
-
20
ns
SCLK falling to LRCK edge
tslrd
-10
-
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com