Electronic Components Datasheet Search
  English  ▼

X  

IRF740 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # IRF740
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF740 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  IRF740 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
UNIT
Min.
1.00
0.50
THERMAL RESISTANCE
PARAMETER
Thermal resistance, case to heatsink
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
Rth(c-s)
Typ.
Max.
ºC/W
62
IRF740 Series
Thermal resistance, junction to ambient
Rth(j-a)
UNIT
V
ns
μA
pF
nC
Max.
5.8
250
400
-100
100
0.49
330
14
27
50
24
120
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
V
= 0V, I = 250µA
GS
D
TEST CONDITIONS
I = 1mA, referenced to 25°C
D
V
=400V, V
=0V
DS
GS
T = 25°C
C
Fall time
Gate to source reverse leakage current
Input capacitance
Total gate charge
Output capacitance
PARAMETER
Rise time
Gate to source forward leakage current
Turn-on delay time
Reverse transfer capacitance
Breakdown voltage temperature coefficient
Drain to source breakdown voltage
Turn-off delay time
SYMBOL
CISS
V
/
(BR)DSS
TJ
V(BR)DSS
IGSS
QG
tr
tf
QGS
9
Gate to source charge
V
= 320V, V
= 10V, I = 10A
DS
GS
D
Drain to source leakage current
IDSS
COSS
CRSS
td(ON)
td(OFF)
V/ºC
Ω
S
nA
T =125°C
C
Typ.
Min.
0.55
25.0
63
V
= 200V,
DD
(Note 1)
I = 10A,R = 20Ω,
D
D
V
= 10V, R =9.1Ω
GS
G
V
= 25V, V
= 0V, f =1MHz
DS
GS
V
= 30V, V
= 0V
GS
DS
V
= -30V, V
= 0V
GS
DS
V
=50V, I =6A
DS
D
Forward transconductance
Static drain to source on-state resistance
RDS(ON)
gfS
V
= 10V, l = 6A (Note 1)
GS
D
Gate to drain charge (Miller charge)
QGD
32
V
=320V, V
=0V
DS
GS
2.0
V
4.0
V
=V
, I =250μA
GS
DS
D
Gate threshold voltage
VGS(TH)
nH
7.5
4.5
Internal source inductance
LS
Internal drain inductance
LD
Between lead, 6mm from
package and center of die
SOURCE TO DRAIN DIODE RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise specified)
C
UNIT
Max.
TEST CONDITIONS
PARAMETER
SYMBOL
Typ.
Min.
V
I
= 10A, V
= 0V
SD
GS
Diode forward voltage
VSD
2.0
Integral reverse P-N junction
diode in the MOSFET
Continuous source to drain current
Is(I )
SD
10
D (Drain)
G
(Gate)
S (Source)
A
Pulsed source current
ISM
40
I
= 10A, V
= 0V,
SD
GS
dI /dt = 100A/µs
F
Reverse recovery time
trr
ns
370
μC
Reverse recovery charge
Qrr
3.8
Note: 1. Pulse test: Pulse width ≤ 300μs, duty cycle ≤ 2%
.
tON
Forward turn-on time
750
8.2
Intrinsic turn-on time is negligible (turn-on is domonated by LS+LD)
1400
www.nellsemi.com
Page 2 of 7
STATIC
DYNAMIC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com