Electronic Components Datasheet Search
  English  ▼

X  

5747299-7 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 5747299-7
Description  HD-20 Straight Posted Connectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5747299-7 Datasheet(HTML) 2 Page - Tyco Electronics

  5747299-7 Datasheet HTML 1Page - Tyco Electronics 5747299-7 Datasheet HTML 2Page - Tyco Electronics 5747299-7 Datasheet HTML 3Page - Tyco Electronics 5747299-7 Datasheet HTML 4Page - Tyco Electronics 5747299-7 Datasheet HTML 5Page - Tyco Electronics 5747299-7 Datasheet HTML 6Page - Tyco Electronics 5747299-7 Datasheet HTML 7Page - Tyco Electronics 5747299-7 Datasheet HTML 8Page - Tyco Electronics 5747299-7 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
77
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HD-20 Straight Posted Connectors (Continued)
Product Facts
I
Flame retardant thermo-
plastic housing material, UL
94V-0 rated
I
HD-20 straight posted
connectors are available
in 9, 15, 25, 37 and 50
positions (Shell Sizes
1 thru 5)
I
HD-20 straight posted con-
nectors in Full Metal-Shell,
Front Metal-Shell and
All-Plastic versions
I
HD-20 connectors with
ACTION PIN contacts are
available in low, medium
and high profiles with
integral standoffs
I
ACTION PIN contact connec-
tors for both .093 [2.36] and
.062 [1.58] min. thick pc
board application
I
Various straight posted
connectors offer a choice
of through-holes, 4-40
threaded inserts or 4-40
fixed female screwlocks
I
Choice of contact platings
I
Integral boardlock feature
secures connector to pc
board prior to soldering
I
Connectors are intermate-
able with any size 20 or 22
subminiature D connectors
dimensionally complying
with MIL-C-24308
I
Recognized under
the Component Program
of Underwriters
Laboratories Inc.,
File No. E28476
I
CSA Certified,
File No. LR 16455
HD-20 Products
Section Contents
Straight Posted Connectors
HD-20 Full Metal-Shell
Straight Posted Connectors .................................78, 79
HD-20 Front Metal-Shell
Straight Posted Connectors .................................80, 81
HD-20 All-Plastic Straight Posted Connectors .........82-85
HD-22 Subminiature D Connectors ...............................86
HD-20 Front Metal-Shell Straight Posted
Connectors with ACTION PIN Contacts...............87, 88
HD-20 All-Plastic Straight Posted Connectors
with ACTION PIN Contacts ........................................89
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com