Electronic Components Datasheet Search
  English  ▼

X  

G3VM-353D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-353D
Description  Analog-switching MOS FET Relays with SPST-NC Contact. General-purpose Models Added.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-353D Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-353D Datasheet HTML 1Page - Omron Electronics LLC G3VM-353D Datasheet HTML 2Page - Omron Electronics LLC G3VM-353D Datasheet HTML 3Page - Omron Electronics LLC G3VM-353D Datasheet HTML 4Page - Omron Electronics LLC G3VM-353D Datasheet HTML 5Page - Omron Electronics LLC G3VM-353D Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
36
MOS FET Relays
G3VM-353A/A1/D/D1
■ Absolute Maximum Ratings (Ta = 25°C)
Values in parentheses are for the G3VM-353A1/D1.
■ Electrical Characteristics (Ta = 25°C)
Values in parentheses are for the G3VM-353A1/D1.
■ Recommended Operating Conditions
Use the G3VM under the following conditions so that the Relay will operate properly.
Values in parentheses are for the G3VM-353A1/D1.
Item
Symbol
Rating
Unit
Measurement Conditions
Input
LED forward current
I
F
50
mA
Repetitive peak LED forward
current
I
FP
1
A
100
μs pulses, 100 pps
LED forward current reduction
rate
Δ I
F/°C
−0.5
mA/
°CT
a ≥ 25°C
LED reverse voltage
V
R
5V
Connection temperature
T
j
125
°C
Output
Load voltage (AC peak/DC)
V
OFF
350
V
Continuous load current
(AC peak/DC)
I
O
150 (100)
mA
ON current reduction rate
Δ I
ON/°C
−1.5 (−1)
mA/
°CT
a ≥ 25°C
Connection temperature
T
j
125
°C
Dielectric strength between input and
output (See note 1.)
V
I-O
2,500
V
rms
AC for 1 min
Operating temperature
T
a
−40 to +85
°C
With no icing or condensation
Storage temperature
T
stg
−55 to +125 °C
With no icing or condensation
Soldering temperature (10 s)
---
260
°C
10 s
Note:
1. The dielectric strength between the input and
output was checked by applying voltage be-
tween all pins as a group on the LED side and
all pins as a group on the light-receiving side.
Item
Symbol
Mini-
mum
Typical
Maxi-
mum
Unit
Measurement
conditions
Input
LED forward voltage
V
F
1.0
1.15
1.3
V
I
F = 10 mA
Reverse current
I
R
---
---
10
μAV
R = 5 V
Capacity between terminals C
T
---
30
---
pF
V = 0, f = 1 MHz
Trigger LED forward current I
FT
---
1
3
mA
I
OFF = 10 μA
Output Maximum resistance with
output ON
R
ON
---
15 (30)
25 (50)
Ω
I
O = 150 mA (100 mA)
Current leakage when the
relay is open
I
LEAK
---
0.0105
(0.003)
1.0
μAI
F = 5 mA, VOFF = 350 V
Capacity between terminals C
OFF
---
85 (30)
---
pF
V = 0, f = 1MHz, I
F = 5 mA
Capacity between I/O terminals
C
I-O
---
0.8
---
pF
f = 1 MHz, V
s = 0 V
Insulation resistance
R
I-O
1,000
---
---
M
Ω
V
I-O = 500 VDC,
R
oH ≤ 60%
Turn-ON time
t
ON
---
0.1
(0.25)
1.0
(0.5)
ms
I
F = 5 mA, RL = 200 Ω,
V
DD = 20 V (See note 2.)
Turn-OFF time
t
OFF
---
1.0 (0.5) 3.0 (1)
ms
VOUT
IF
t ON
t OFF
10%
90%
IF
1
2
4
3
RL
VDD
VOUT
Note:
2. Turn-ON and Turn-OFF
Times
Item
Symbol
Minimum
Typical
Maximum
Unit
Load voltage (AC peak/DC)
V
DD
---
---
280
V
Operating LED forward current
I
F
5
---
25
mA
Continuous load current (AC peak/DC)
I
O
---
---
150 (100)
mA
Operating temperature
T
a
− 20
---
65
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com