Electronic Components Datasheet Search
  English  ▼

X  

IRFF30 Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # IRFF30
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRFF30 Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  IRFF30 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
www.nellsemi.com
Page 5 of 7
10
10-3
10
0.1
-4
10
-5
10
1
Fig.10 Maximum effective transient thermal impedance,
Junction-to-Case
Rectangular pulse duration, t (S)
1
-2
10
10-2
0.1
1
VDS
VGS
90%
10%
td(ON)
tR
td(OFF)
tF
+
-
RD
VDS
VGS
RG
10V
Pulse width ≤ 1µs
Duty Factor ≤ 0.1%
D.U.T.
VDD
A
+
- VDD
D.U.T.
VDS
RG
10V
tP
lAS
0.01Ω
L
Fig.12a. Unclamped lnductive test circuit
Fig.12b. Unclamped lnductive waveforms
Vary t to obtain required I
p
AS
Fig.11b. Switching time waveforms
Fig.11a. Switching time test circuit
VDD
tp
Time
lAS
BVDSS
lD(t)
VDS(t)
IRFF30 Series
Notes:
1. Duty factor, D = t / t
1
2
2. Peak T = P
* R
+
J
DM
th(j-c)
TC
PDM
t1
t2
Single pulse
(Thermal response)
D ~ 0.5
0.2
0.01
0.02
0.05
0.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com