Electronic Components Datasheet Search
  English  ▼

X  

MBR745 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # MBR745
Description  Schottky Rectifier, 7.5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MBR745 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  MBR745 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MBR745 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MBR745 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MBR745 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd MBR745 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMICONDUCTOR
MBR745 Series RoHS
RoHS
Nell Semiconductors
ABSOLUTE MAXIMUM RATINGS
UNIT
TEST CONDITIONS
PARAMETER
VALUE
Maximum average forward current
Non-repetitive peak surge current
lF(AV)
lFSM
7.5
A
SYMBOL
Non-repetitive avalanche energy
Repetitive avalanche current
EAS
lAR
T = 131°C, rated V
C
R
5 μs sine or 3 μs rect.pulse
Following any rated load
condition and with rated
V
applied
RRM
Surge applied at rated load condition half wave
single phase 60 Hz
A
mJ
A
690
150
7
2
T = 25°C, l
= 2A, L = 3.5mH
J
AS
Current decaying linearly to zero in 1 μs
Frequency limited by T maximum V = 1.5 x V typical
J
A
R
ELECTRICAL SPECIFICATIONS
UNIT
TEST CONDITIONS
PARAMETER
VALUE
SYMBOL
Maximum forward voltage drop
Maximum instantaneous reverse current
Maximum junction capacitance
Typical series inductance
Maximum voltage rate of change
(1)
VFM
(1)
lRM
CT
LS
dV/dt
15A
7.5A
15A
T = 25°C
J
T = 125°C
J
T = 25°C
J
T = 125°C
J
Rated DC voltage
V = 5 V
(test signal range 100 kHz to 1 MHZ) 25°C
R
DC
Measured from top of terminal to mounting plane
Rated VR
0.84
0.57
0.72
0.1
15
400
8
1000
V/µs
nH
pF
mA
V
THERMAL - MECHANICAL SPECIFICATIONS
UNIT
TEST CONDITIONS
PARAMETER
VALUE
SYMBOL
Maximum junction temperature range
TJ
RthJC
RthCS
-65 to 150
-65 to 175
3
0.5
0.07
6 (5)
12 (10)
°C/W
°C
Tstg
Maximum storage temperature range
Maximum thermal resistance,
junction to case
Typical thermal resistance,
case to heatsink
Approximate weight
Mounting torque
minimum
maximum
Marking device
Case style TO-220AC
DC operation
Mounting surface, smooth and greased
MBR745
.
kgf cm
.
(lbf in)
2
g
oz.
www.nellsemi.com
Page 2 of 5
Note
(1) Pulse width < 300 µs, duty cycle < 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com