Electronic Components Datasheet Search
  English  ▼

X  

CPC1030 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1030
Description  4 Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1030 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1030 Datasheet HTML 1Page - Clare, Inc. CPC1030 Datasheet HTML 2Page - Clare, Inc. CPC1030 Datasheet HTML 3Page - Clare, Inc. CPC1030 Datasheet HTML 4Page - Clare, Inc. CPC1030 Datasheet HTML 5Page - Clare, Inc. CPC1030 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
CPC1030N
DS-CPC1030N-R5
The CPC1030N is a miniature 1-Form-A solid state relay
in a 4 pin SOP package that employs optically coupled
MOSFET technology to provide 1500V of input to output
isolation. The efficient MOSFET switches and photovolta-
ic die use Clare’s patented OptoMOS® architecture. The
optically coupled input is controlled by a highly efficient
GaAIAs infrared LED. The CPC1030N uses Clare’s state
of the art double molded vertical construction packaging
to produce the world’s smallest relay. The CPC1030N
offers board space savings of at least 20% over the com-
petitor’s larger 4 pin SOP relay.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook,
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL/C-UL Recognized Component
File#: E76270
• BSI Certified - Certificate#: 8416
(EN60950)
• Small 4 Pin SOP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 1500V
RMS Input/Output Isolation
• FCC Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Tape & Reel Version Available
Applications
Features
Description
Approvals
4 Pin SOP OptoMOS® Relay
Ordering Information
Part #
Description
CPC1030N
4 Pin SOP (100/tube)
CPC1030NTR 4 Pin SOP (2,000/reel)
CPC1030N
Units
Load Voltage
350
V
Load Current
120
mA
Max R
ON
30
Ω
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
CPC1030N Pinout
1
2
3
4
+ Control
Ð Control
Load
Load
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+


Similar Part No. - CPC1030

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1030N CLARE-CPC1030N Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1030N IXYS-CPC1030N Datasheet
176Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1030NTR CLARE-CPC1030NTR Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1030NTR IXYS-CPC1030NTR Datasheet
176Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1030N CLARE-CPC1030N_1 Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
More results

Similar Description - CPC1030

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM5 CLARE-CM5 Datasheet
195Kb / 4P
4 Pin SOP OptoMOS Relay
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
4 Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com