Electronic Components Datasheet Search
  English  ▼

X  

100N20G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 100N20G-TN3-R
Description  100A, 15V N-CHANNEL POWER TRENCH MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

100N20G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  100N20G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 100N20G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 100N20G-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
100N02
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-860.a
100A, 15V N-CHANNEL
POWER TRENCH MOSFET
DESCRIPTION
The UTC 100N02 is an N-channel Power Trench MOSFET,
it uses UTC’s advanced technology to provide customers with a
minimum on-state resistance, low gate charge and high
switching speed.
The UTC 100N02 is generally applied in synchronous
Rectification or DC to DC convertor.
FEATURES
* RDS(ON)<12mΩ@ VGS=10V, ID =55A
* Low Gate Charge (Typical 46nC)
* High Switching Speed
* High Power and Current Handling Capability
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
100N20L-TM3-T
100N20G-TM3-T
TO-251
G
D
S
Tube
100N20L-TN3-T
100N20G-TN3-T
TO-252
G
D
S
Tube
100N20L-TN3-R
100N20G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 100N20G-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
100N03 VBSEMI-100N03 Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
100N03 EVVOSEMI-100N03 Datasheet
968Kb / 3P
Rectifier Diodes
Rev:2022A2
logo
TECH PUBLIC Electronics...
100N03 TECHPUBLIC-100N03 Datasheet
2Mb / 5P
N-Channel Enhancement Mode Power MOSFET
logo
STMicroelectronics
100N03 STMICROELECTRONICS-100N03 Datasheet
240Kb / 14P
N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
14-Sep-2005
logo
VBsemi Electronics Co.,...
100N03-CMP100N03 VBSEMI-100N03-CMP100N03 Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 100N20G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULB4132 UTC-ULB4132 Datasheet
236Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UT100N03 UTC-UT100N03 Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UT100N03-Q UTC-UT100N03-Q Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UTT100N05 UTC-UTT100N05 Datasheet
129Kb / 3P
100A, 50V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDU04N010 MGCHIP-MDU04N010 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.0m(ohm)
MDU06N031 MGCHIP-MDU06N031 Datasheet
975Kb / 6P
Single N-channel Trench MOSFET 60V, 100A, 3.1m(ohm)
MDU1721 MGCHIP-MDU1721 Datasheet
983Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.4m(ohm)
MDU1722 MGCHIP-MDU1722 Datasheet
981Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 2.2m(ohm)
MDU1931 MGCHIP-MDU1931 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 100A, 3.6m(ohm)
logo
ON Semiconductor
FDD9407-F085 ONSEMI-FDD9407-F085 Datasheet
506Kb / 7P
Channel Power Trench® MOSFET 40V 100A, 2.0mΩ
September-2017, Rev. 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com