Electronic Components Datasheet Search
  English  ▼

X  

CPC1965G Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1965G
Description  AC Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1965G Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1965G Datasheet HTML 1Page - Clare, Inc. CPC1965G Datasheet HTML 2Page - Clare, Inc. CPC1965G Datasheet HTML 3Page - Clare, Inc. CPC1965G Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPC1965G
www.clare.com
Rev. 1
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
CPC1965G
Typical LED Forward Voltage Drop
(Ambient Temperature = 25 C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
o
CPC1965G
Typical On-State Output
Forward Voltage Distribution
(Ambient Temperature = 25 C)
35
30
25
20
15
10
5
0
1.05
1.07
1.09
1.11
1.06
1.08
1.10
Output Forward Voltage
o
CPC1965G
Typical IF for Switch Operation
(Ambient Temperature = 25˚C)
0.22
0.24
0.26
0.21
0.23
0.25
0.27
LED Current (mA)
25
20
15
10
5
0
o
CPC1965G
Typical Blocking Voltage Distribution
(Ambient Temperature = 25˚C)
645
655
665
675
670
660
650
Blocking Voltage
25
20
15
10
5
0
o
CPC1965G
Typical Maximum Load
Current vs. Temperature
Temperature ( C)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-40 -20
0
20
40
60
80
120
100
I =5mA
F
o
CPC1965G
Typical Blocking Voltage
vs. Temperature
Temperature (˚C)
#
"
##
%
&#
$'
$&
$%
$$
$#
$"
$!
CPC1965G
Typical Leakage vs. Temperature
@ Maximum Rated Load Voltage
LED Forward Current (mA)
25
40
55
70
85
0.278
0.276
0.274
0.272
0.270
0.268
0.266
0.264
CPC1965G
Typical Output VF vs. Temperature
Temperature (˚C)
25
40
55
70
85
1.100
1.080
1.060
1.040
1.020
1.000
0.980
0.960
CPC1965G
Typical LED Forward Voltage Drop
vs. Temperature
Temperature ( C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
10mA
5mA
o
30mA
20mA
CPC1965G
Maximum Surge Current (non-repetitive)
(T
J=50˚C max)
Pulse Duration (mS)
$
#



&
$
"

CPC1965G
Typical I
F for Switch Operation
Over Temperature
Temperature (˚C)
25
40
55
70
85
0.400
0.350
0.300
0.250
0.200
0.150
0.100
0.050
0.000
16 Pin DIP
7.620
± .254
(.300
± .010)
6.350
± .127
(.250
± .005)
17.780 TYP.
(.700)
19.202
± .381
(.756
± .015)
15.240 TYP.
(.600)
.508 TYP.
(.020)
3.429 TYP.
(.135)
Mechanical Dimensions
Dimensions
mm
(inches)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com