Electronic Components Datasheet Search
  English  ▼

X  

EVQP9 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQP9
Description  Light Touch Switches/EVQP2/P9/3P2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQP9 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQP9 Datasheet HTML 1Page - Panasonic Semiconductor EVQP9 Datasheet HTML 2Page - Panasonic Semiconductor EVQP9 Datasheet HTML 3Page - Panasonic Semiconductor EVQP9 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Light Touch Switches/EVQP2/P9/3P2
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES89 –
1
E
2
V
3
Q
4
5
6
7
8
9
Product Code
Type
Height
Push Plate Color
P
P
2/9
3
4.7 mm 3.5 mm SMD Light Touch Switches
Type:
EVQP2/EVQP9/EVQ3P2
■ Specifications
■ Features
● External dimensions : 4.7 mm 3.5 mm,
Height : Middle Push Travel 2.5 mm
Short Push Travel 2.1 mm, 2.5 mm
● High operating force and long operational life
● High mountability with J-bent (4 terminals)
■ Recommended Applications
● Operation switches for portable electronic equipment
(Mobile phones, Digital still cameras, Camcorders,
Portable audio players, etc.)
● Keyless entry systems (automotive)
● Car audio equipment
■ Explanation of Part Numbers
Travel Type
Middle Push Travel
Short Push Travel
Type
Snap action / Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
100 m
max.
Insulation Resistance
100 M
min.
Dielectric Withstanding Voltage
250 Vac (1 minute)
Bouncing
10 ms max. (ON, OFF)
Mechanical
Operating Force
2.5 N, 3.5 N, 5.0 N
1.0 N, 1.6 N, 2.4 N, 3.5 N, 5.0 N
Travel
0.70 mm±0.20 mm
0.25 mm
+0.05 mm
Endurance
Operating Life
2.5 N:1000000 cycles min.
3.5 N: 500000 cycles min.
5.0 N: 200000 cycles min.
1.0 N, 1.6 N: 1000000 cycles min.
2.4 N: 500000 cycles min.
3.5 N: 200000 cycles min.
5.0 N: 200000 cycles min.
Operating Temperature
–40 °C to +85 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
4000 pcs.
Embossed Taping (Reel Pack)
Quantity/Carton
20000 pcs.
–0.15
Oct. 2012
00


Similar Part No. - EVQP9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP9 PANASONIC-EVQP9 Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQP9 PANASONIC-EVQP9 Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQP9H02M PANASONIC-EVQP9H02M Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQP9H02M PANASONIC-EVQP9H02M Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQP9H02W PANASONIC-EVQP9H02W Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
More results

Similar Description - EVQP9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
Light Touch Switches
EVQPLA PANASONIC-EVQPLA Datasheet
89Kb / 3P
Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
Light Touch Switches
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
Light Touch Switches
EVQ-P8203M PANASONIC-EVQ-P8203M Datasheet
98Kb / 3P
Light Touch Switches/EVQP4
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
Light Touch Switches/EVQPP
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
Light Touch Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com