Electronic Components Datasheet Search
  English  ▼

X  

CPC1965Y Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1965Y
Description  AC Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1965Y Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1965Y Datasheet HTML 1Page - Clare, Inc. CPC1965Y Datasheet HTML 2Page - Clare, Inc. CPC1965Y Datasheet HTML 3Page - Clare, Inc. CPC1965Y Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
CPC1965Y
Rev. 1
Electrical Characteristics
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Operating Voltage Range
V
T
20
-
260
V
RMS
Peak Blocking Voltage
-
V
DRM
-
600
V
Load Current (Continuous)
V
L=120-260VAC
I
L
0.005
-
1.0
IA
RMS
Non-repetitive Single Cycle
Surge Current
-
I
TSM
--
10
A
Off State Leakage Current
V
DRM
I
LEAK
--
1
mA
On-State Voltage Drop
I
L=1.0A
-
-
1.6
V
RMS
Critical Rate of Rise3
dv/dt
500
-
-
V/µS
Switching Speeds
Turn-on
I
F=5 mA
T
ON
-
-
0.5
Cycles
Turn-off
I
F=5 mA
T
OFF
-
-
0.5
Cycles
Zero-Cross Turn-On Voltage
1st half cycle
-
2
10
V
Sub. half cycle
-
-
1
V
Operating Frequency1
-
20
-
400
Hz
Load Power Factor for
Guaranteed Turn-On2
-
PF
0.25
-
-
-
Capacitance
Input to Output
-
-
-
3
-
pF
Input Characteristics @ 25°C
Input Control Current
For Normal Environment
-
I
F
5-
50
mA
For High Noise Environment
-
I
F
10
-
100
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Drop-out Voltage
-
0.8
-
-
V
Reverse Input Current
V
R=5V
I
R
--
10
uA
1 Zero cross 1st 1/2 cycle @ <100Hz
2 Snubber circuits may be required at low power factors.
3 Tested in accordance with EIA/NARM Standard RS-443.
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
100
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Package Dissipation PD
-
-
16002 mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
(10 Seconds Max.)
DIP Package
-
-
+260
°C
1 Derate Linearly 1.33 mW/˚C
2 Derate Linearly 16.6 mW/˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com