Electronic Components Datasheet Search
  English  ▼

X  

CPC5602C Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC5602C
Description  N Channel Depletion Mode FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5602C Datasheet(HTML) 1 Page - Clare, Inc.

  CPC5602C Datasheet HTML 1Page - Clare, Inc. CPC5602C Datasheet HTML 2Page - Clare, Inc. CPC5602C Datasheet HTML 3Page - Clare, Inc. CPC5602C Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.clare.com
CPC5602C
DS-CPC5602C-Rev. 1
The CPC5602C is an “N” channel depletion mode Field
Effect Transistor (FET) that utilizes Clare’s proprietary
third generation vertical DMOS process. The third
generation process realizes world class, high voltage
MOSFET performance in an economical silicon gate
process. The vertical DMOS process yields a highly
reliable device particularly in difficult application
environments such as telecommunications.
One of the primary applications for the CPC5602C is as
a linear regulator/ hook switch for the LITELINKTM Data
Access Arrangements (DAA) Devices (CPC5610A,
CPC5611A, CPC5604A).
The CPC5602C has a typical on-resistance of 8
Ω, a
breakdown voltage exceeding 350V and is available in
an SOT-223 package. As with all MOS devices, the FET
structure prevents thermal runaway and thermal-induced
secondary breakdown.
• Low on resistance 10 ohms
• High input impedance
• Low input and output leakage
• Small package size SOT-223
• PC Card (PCMCIA) Compatible
• PCB Space and Cost Savings
Features
Description
N Channel Depletion Mode FET
Ordering Information
Part #
Description
CPC5602C
N-Channel Depletion Mode FET,
SOT-223 Package
CPC5602CTR N-Channel Depletion Mode, SOT-
223 Package
FET-TAPE and Reel (1000 units min)
• Support Component for LITELINK TM
Data Access Arrangement (DAA)
• Normally-on switch
• Telecom
• Constant Current Source
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for an ex-
tended period may degrade the device and effect its reli-
ability.
Absolute Maximum Ratings
Applications
Parameter
Min
Max
Units
V
DSS Voltage
—
350
V
Total Package Dissipation
—
2.5
W
Operational Temperature
-40
+85
OC
Storage Temperature
-40
+125
OC
Soldering Temperature
—
+220
OC


Similar Part No. - CPC5602C

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5602C CLARE-CPC5602C Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602C IXYS-CPC5602C Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
logo
Clare, Inc.
CPC5602CTR CLARE-CPC5602CTR Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5602CTR CLARE-CPC5602CTR Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
More results

Similar Description - CPC5602C

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5603C CLARE-CPC5603C Datasheet
248Kb / 3P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC3710 CLARE-CPC3710 Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
CPC3714 CLARE-CPC3714 Datasheet
130Kb / 5P
N-Channel Depletion-Mode FET
CPC3720 CLARE-CPC3720 Datasheet
111Kb / 5P
N-Channel Depletion-Mode FET
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
CPC5603 CLARE-CPC5603_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
CPC5603 IXYS-CPC5603 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com