Electronic Components Datasheet Search
  English  ▼

X  

CPC7582 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7582
Description  Line Card Access Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7582 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7582 Datasheet HTML 1Page - Clare, Inc. CPC7582 Datasheet HTML 2Page - Clare, Inc. CPC7582 Datasheet HTML 3Page - Clare, Inc. CPC7582 Datasheet HTML 4Page - Clare, Inc. CPC7582 Datasheet HTML 5Page - Clare, Inc. CPC7582 Datasheet HTML 6Page - Clare, Inc. CPC7582 Datasheet HTML 7Page - Clare, Inc. CPC7582 Datasheet HTML 8Page - Clare, Inc. CPC7582 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Part #
Description
CPC7582BA
6 Pole with protection SCR
CPC7582BB
6 Pole without protection SCR
CPC7582BA-TR
Tape & Reel Version
CPC7582BB-TR
Tape & Reel Version
www.clare.com
DS-CPC7582-R1.0
CPC7582
Line Card Access Switch
1
Applications
Features
Description
Ordering Information
The CPC7582 is a monolithic solid state switch in a 16
pin surface mount SOIC package. It provides the nec-
essary functions to replace two 2-Form-C electro-
mechanical relays on analog line cards found in
Central Office, Access and PBX equipment. The
device contains solid state switches for tip and ring line
break, ring injection/ring return and line test access.
The CPC7582 requires only a +5V supply and offers
“break-before-make” or “make-before-break” switch
operation using simple logic level input control. There
are two versions of the CPC7582, the CPC7582BA
and the CPC7582BB. The “BA” version has a protec-
tion SCR which provides protection to the SLIC device
and subsequent circuitry during fault conditions.
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
• Small 16 pin surface mount SOIC package
• Monolithic IC reliability
• Low matched RDS
ON
• Eliminates the need for zero cross switching
• Flexible switch timing to transition from ringing mode
to idle/talk mode.
• Clean, bounce free switching
• Tertiary protection consisting of integrated current
limiting, thermal shutdown and SLIC protection
• 5V operation with power consumption <10mW
• Intelligent battery monitor
• Latched logic level inputs, no drive circuitry
• Pin to pin compatible to the Lucent 7582 family
Block Diagram
R1
R2
Ring
TIP
Secondary
Protection
SW1
Break
SW2
Break
SW3
Ringing
Return
SW5
Line Test
Access
SW6
Line Test
Access
SW4
Ringing
Access
SCR
and Trip
Circuit
SLIC
Ring Generator
V
BAT
Reference
CPC7582BA
Battery
+
-
TACCESS(5)
TRING(4)
TLINE
RLINE
(3)
(14)
RACCESS (12)
RRING (13)
RBAT(15)
TBAT (2)
(16)


Similar Part No. - CPC7582

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7582BATR CLARE-CPC7582BATR Datasheet
572Kb / 19P
Line Card Access Switch
CPC7582BBTR CLARE-CPC7582BBTR Datasheet
572Kb / 19P
Line Card Access Switch
CPC7582BCTR CLARE-CPC7582BCTR Datasheet
572Kb / 19P
Line Card Access Switch
CPC7582MATR CLARE-CPC7582MATR Datasheet
572Kb / 19P
Line Card Access Switch
More results

Similar Description - CPC7582

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com