Electronic Components Datasheet Search
  English  ▼

X  

DNP331 Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNP331
Description  Through-hole IRED/3 Wide Distribution Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNP331 Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  DNP331 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DNP331 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1
DNP331
Through-hole IRED/φ3 Wide Distribution Type
Recommended Applications
Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications
・Total output Power : 16mW TYP. (I
F=50mA)
・Wide Distribution
・Lead–free soldering compatible
・RoHS compliant
Peak Wavelength
880nm
Product features
Die materials
GaAlAs
55 deg.
Features
Package
φ3 type, Water clear epoxy
Rank grouping parameter
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
※Please refer to Soldering Conditions about soldering.
2kV (HBM)
Bulk : 200pcs(MIN.)
Sorted by radiant intensity per rank taping
Half Intensity Angle
2006.8.31


Similar Part No. - DNP331

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNP331 STANLEY-DNP331 Datasheet
246Kb / 4P
THROUGH-HOLE SHAPE - INFRARED LED
More results

Similar Description - DNP331

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNF324U-4 STANLEY-DNF324U-4 Datasheet
171Kb / 10P
Through-hole IRED/?5 High Speed Type
AN3803X STANLEY-AN3803X Datasheet
243Kb / 11P
Through-hole IRED/3 Type
AN3804X STANLEY-AN3804X Datasheet
236Kb / 11P
Through-hole IRED/3 Type
AN5306X STANLEY-AN5306X Datasheet
236Kb / 11P
Through-hole IRED/5 Type
DNK3302X STANLEY-DNK3302X Datasheet
241Kb / 11P
Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3308S STANLEY-DNK3308S Datasheet
240Kb / 11P
Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3803X STANLEY-DNK3803X Datasheet
249Kb / 11P
Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3804X STANLEY-DNK3804X Datasheet
242Kb / 11P
Through-hole IRED/3 High Speed, High Total Output Power Type
AN504 STANLEY-AN504 Datasheet
176Kb / 10P
Through-hole IRED/Right Angle Type
AN304 STANLEY-AN304 Datasheet
174Kb / 10P
Through-hole IRED/?5 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com