Electronic Components Datasheet Search
  English  ▼

X  

CPC7583BC Datasheet(PDF) 10 Page - Clare, Inc.

Part # CPC7583BC
Description  Line Card Access Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7583BC Datasheet(HTML) 10 Page - Clare, Inc.

Back Button CPC7583BC Datasheet HTML 6Page - Clare, Inc. CPC7583BC Datasheet HTML 7Page - Clare, Inc. CPC7583BC Datasheet HTML 8Page - Clare, Inc. CPC7583BC Datasheet HTML 9Page - Clare, Inc. CPC7583BC Datasheet HTML 10Page - Clare, Inc. CPC7583BC Datasheet HTML 11Page - Clare, Inc. CPC7583BC Datasheet HTML 12Page - Clare, Inc. CPC7583BC Datasheet HTML 13Page - Clare, Inc. CPC7583BC Datasheet HTML 14Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.clare.com
10
Rev. E
CPC7583
SOG
Symbol
Description
1F
GND
Fault ground.
2
NC
No Connection.
3
NC
No Connection.
4
NC
No Connection.
5T
TESTin
Test (in) access on TIP.
6T
BAT
Connect to TIP on SLIC side.
7T
LINE
Connect to TIP on line side.
8
T
RING
Connect to return ground for ringing generator.
9
NC
No connection.
10
T
TESTout
Test (out) access on TIP.
11
NC
No connection.
12
V
DD
5V supply
13
T
SD
Temperature shutdown pin. Can be used as a logic
level input or an output. See Tables 9, 10, 12 and13 for
more details. As an output, will read 5V when the
device is in its operational mod and 0V in the thermal
shutdown mode. To disable the thermal shutdown mode
mechanism, tie this pin to 5V (not recommended).
14
D
GND
Digital ground
15
IN
TESTout
Logic level switch input control.
16
IN
RING
Logic level switch input control.
17
IN
TESTin
Logic level switch input control.
18
LATCH
Data input control, active-high, transparent low.
19
R
TESTout
Test (out) access on RING.
20
R
RING
Connect to ringing generator.
21
NC
No connection.
22
R
LINE
Connect to RING on line side.
23
R
BAT
Connect to RING on SLIC side.
24
R
TESTin
Test (in) access on RING.
25
NC
No connection.
26
NC
No connection.
27
NC
No connection
28
V
BAT
Battery voltage. Used as a reference for protection circuit.
Package Pinout
* Only the CPC7583BA and CPC7583BC
contain the protection SCR
CPC7583
T
BAT
SW1
SW5
SW9
SW2
SW8
SW10
Control
Logic
F
GND
D
GND
T
TESTin
IN
TESTin
R
T
TESTout
IN
TESTout
R
TESTout
T
LINE
T
RING
V
DD
T
NC
NC
NC
NC
NC
NC
NC
NC
NC
SD
V
BAT
R
BAT
R
LINE
R
RING
LATCH
IN
RING
27
26
25
24
23
22
21
20
SW7
SW6
19
18
17
16
15
28
1
3
4
5
6
7
8
2
9
10
11
12
13
14
SW3
SW4
SCR and
TRIP CKT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com