Electronic Components Datasheet Search
  English  ▼

X  

DZT751 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DZT751
Description  LOW VCE PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT751 Datasheet(HTML) 1 Page - Diodes Incorporated

  DZT751 Datasheet HTML 1Page - Diodes Incorporated DZT751 Datasheet HTML 2Page - Diodes Incorporated DZT751 Datasheet HTML 3Page - Diodes Incorporated DZT751 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DZT751
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Type Available (DZT651)
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Medium Power Switching or Amplification Applications
•
Lead Free By Design/RoHS Compliant (Note 1)
•
“Green” Device (Note 2)
Mechanical Data
•
Case: SOT-223
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish – Matte Tin annealed over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking & Type Code Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.115 grams
SOT-223
2,4
3
1
COLLECTOR
EMITTER
BASE
4
3
2
1
C
C
B
E
TOP VIEW
Schematic and Pin Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-3
A
Peak Pulse Collector Current
ICM
-6
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation @ TA = 25°C
PD
1 (Note 3)
2 (Note 4)
W
Thermal Resistance, Junction to Ambient Air (Note 3) @TA = 25°C
RθJA
125
°C/W
Operating and Storage Temperature Range
-55 to +150
°C
Tj, TSTG
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, pad layout as shown on last page or in Diodes Inc. suggested pad layout document AP02001,
which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf, or on page 4 of this data sheet.
4. Device mounted on Polyimide PCB with 1.8cm
2 copper area.
DS31115 Rev. 3 - 2
1 of 4
www.diodes.com
DZT751
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - DZT751

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT2222A DIODES-DZT2222A Datasheet
242Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30481 Rev. 5 - 2
DZT2222A-13 DIODES-DZT2222A-13 Datasheet
242Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30481 Rev. 5 - 2
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
Rev 5
DZT2907A DIODES-DZT2907A Datasheet
206Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS30921 Rev. 5 - 2
DZT2907A-13 DIODES-DZT2907A-13 Datasheet
206Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS30921 Rev. 5 - 2
More results

Similar Description - DZT751

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT751 DIODES-DXT751 Datasheet
170Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31185 Rev. 3 - 2
DPLS320A DIODES-DPLS320A Datasheet
181Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31339 Rev. 4 - 2
DSS20200L DIODES-DSS20200L Datasheet
120Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31604 Rev. 2 - 2
DSS5140V DIODES-DSS5140V Datasheet
122Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31658 Rev. 3 - 2
DPLS4140E DIODES-DPLS4140E Datasheet
117Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 3
DSS5220V DIODES-DSS5220V_15 Datasheet
125Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
2DB1713 DIODES-2DB1713_15 Datasheet
98Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DJT4030P DIODES-DJT4030P_15 Datasheet
112Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS5160TQ DIODES-DSS5160TQ Datasheet
383Kb / 6P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS5160U DIODES-DSS5160U Datasheet
117Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
March 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com