Electronic Components Datasheet Search
  English  ▼

X  

IBB110P Datasheet(PDF) 4 Page - Clare, Inc.

Part # IBB110P
Description  Integrated Telecom Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IBB110P Datasheet(HTML) 4 Page - Clare, Inc.

  IBB110P Datasheet HTML 1Page - Clare, Inc. IBB110P Datasheet HTML 2Page - Clare, Inc. IBB110P Datasheet HTML 3Page - Clare, Inc. IBB110P Datasheet HTML 4Page - Clare, Inc. IBB110P Datasheet HTML 5Page - Clare, Inc. IBB110P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
IBB110P
Rev. 2
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
IBB110P
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
IBB110P
Typical Turn-On vs. LED Forward Current
(Load Current = 100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.30
0.25
0.20
0.15
0.10
0.05
0
50
IBB110P
Typical Turn-Off vs. LED Forward Current
(Load Current = 100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
IBB110P
Typical On-Resistance vs. Temperature
(Load Current = 100mADC; IF = 5mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
IBB110P
Typical IF for Switch Operation vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
IBB110P
Typical IF for Switch Dropout vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
IBB110P
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; IF = 5mADC)
Load Voltage (V)
100
80
60
40
20
0
-20
-40
-60
-80
-100
-5
-4
-2
-1
-3
0
2
3
14
5
IBB110P
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s
IBB110P
Typical Normalized CTR vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2
4
6
8
10
12
14
16
18
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
IBB110P
Typical Normalized CTR vs. Temperature
(VCE = 0.5V)
Temperature (
°C)
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
120
100
1mA
2mA
5mA
10mA
15mA
20mA
IBB110P
Typical Collector Current vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2468
12
10
14
16
18
20
12
10
8
6
4
2
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com