Electronic Components Datasheet Search
  English  ▼

X  

LAA100P Datasheet(PDF) 3 Page - Clare, Inc.

Part # LAA100P
Description  DUAL POLE OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA100P Datasheet(HTML) 3 Page - Clare, Inc.

  LAA100P Datasheet HTML 1Page - Clare, Inc. LAA100P Datasheet HTML 2Page - Clare, Inc. LAA100P Datasheet HTML 3Page - Clare, Inc. LAA100P Datasheet HTML 4Page - Clare, Inc. LAA100P Datasheet HTML 5Page - Clare, Inc. LAA100P Datasheet HTML 6Page - Clare, Inc. LAA100P Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LAA100
www.clare.com
Rev. 1
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
LAA100
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25oC)
IF = 5mA
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LAA100
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25oC)
(Load Current = 120mADC)
35
30
25
20
15
10
5
0
13.93
14.17
14.41
14.66
14.05
14.29
14.54
On-Resistance (
Ω)
LAA100
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25oC)
35
30
25
20
15
10
5
0
390
400
410
420
395
405
415
Blocking Voltage (V)
LAA100
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25oC)
(Load Current = 120mADC)
0.65
0.75
0.85
0.60
0.70
0.80
0.90
LED Current (mA)
25
20
15
10
5
0
LAA100
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25oC)
(Load Current = 120mADC
25
20
15
10
5
0
0.60
0.70
0.80
0.55
0.65
0.75
0.85
LED Current (mA)
)
LAA100
Typical Turn-On Time
(N=50 Ambient Temperature = 25oC)
(Load Current = 120mADC; IF = 5mA)
1.2
1.4
1.6
1.8
1.3
1.5
1.7
Turn-On (ms)
25
20
15
10
5
0
LAA100
Typical Turn-Off Time
(N=50 Ambient Temperature = 25oC)
(Load Current = 120mADC; IF = 5mA)
0.06
0.10
0.15
0.19
0.17
0.13
0.08
Turn-Off (ms)
25
20
15
10
5
0
LAA100
Maximum Continuous DC Load Current
vs. Temperature *
Temperature (oC)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
IF=10mA
IF=5mA
One Pole Operating
Two Poles Operating
IF=10mA
IF=5mA
LAA100
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (oC)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
LAA100
Typical Blocking Voltage
vs. Temperature
Temperature (oC)
-40
450
440
430
420
410
400
390
380
-20
0
20
40
60
80
100
LAA100
Typical Turn-On vs. Temperature
(Load Current = 70mADC)
Temperature (oC)
IF=5mA
IF=10mA
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100 120
LAA100
Typical Turn-Off vs. Temperature
(Load Current = 70mADC)
Temperature (oC)
-40
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com