Electronic Components Datasheet Search
  English  ▼

X  

UT137FG Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT137FG
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT137FG Datasheet(HTML) 1 Page - Unisonic Technologies

  UT137FG Datasheet HTML 1Page - Unisonic Technologies UT137FG Datasheet HTML 2Page - Unisonic Technologies UT137FG Datasheet HTML 3Page - Unisonic Technologies UT137FG Datasheet HTML 4Page - Unisonic Technologies UT137FG Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC UT137FF/FG
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R401-016,B
TRIACS
DESCRIPTION
Passivated triacs in a full pack plastic envelope, intended for use
in applications requiring high bidirectional transient and blocking
voltage capability and high thermal cycling performance. Typical
applications include motor control, industrial and domestic
lighting, heating and static switching
.
SYMBOL
MT2
MT1
G
TO-220F
1
1:MT1
2:MT2
3:GATE
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Off State Voltage
UT137FF/FG-5
UT137FF/FG-6
UT137FF/FG-8
VDRM
500*
600*
800
V
RMS On-state Current (Full sine wave, Ths≤73
°C)
IT(RMS)
8
A
Non-Repetitive Peak. On-State Current
(Full sine wave, Tj=125
°C prior to surge,with reapplied VDRM(max)
t=20ms
t=16.7ms
ITSM
55
60
A
I2t For Fusing (t=10ms)
I2t
21
A2s
Repetitive Rate of Rise of On-state Current after Triggering
ITM=12A,IG=0.2A,dIG/dt=0.2A/
µs
T2+ G+
T2+ G-
T2- G-
T2- G+
dIT /dt
50
50
50
10
A/
µs
Peak Gate Voltage
VGM
5
V
Peak Gate Current
IGM
2
A
Peak Gate Power
PGM
5
W
Average Gate Power (Over any 20ms period)
PG(AV)
0.5
W
Operating Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
-40~150
°C
*Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch
to the on-state. The rate of rise of current should not exceed 6A/
µs.


Similar Part No. - UT137FG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT137F UTC-UT137F Datasheet
199Kb / 5P
TRIACS
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
TRIACS
More results

Similar Description - UT137FG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com