Electronic Components Datasheet Search
  English  ▼

X  

UT4450 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT4450
Description  7A, 40V N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4450 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT4450 Datasheet HTML 1Page - Unisonic Technologies UT4450 Datasheet HTML 2Page - Unisonic Technologies UT4450 Datasheet HTML 3Page - Unisonic Technologies UT4450 Datasheet HTML 4Page - Unisonic Technologies UT4450 Datasheet HTML 5Page - Unisonic Technologies UT4450 Datasheet HTML 6Page - Unisonic Technologies UT4450 Datasheet HTML 7Page - Unisonic Technologies UT4450 Datasheet HTML 8Page - Unisonic Technologies UT4450 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UT4450
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-898, C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
TA=25°C
ID
7
A
TA=70°C
5.5
A
Pulsed (Note 1)
IDM
45
A
Avalanche Current (Note 1)
IAS
14
A
Avalanche Energy
L=0.1mH (Note 1)
EAS
10
mJ
Power Dissipation (Note 2)
TA=25°C
PD
3.1
W
TA=70°C
2
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
t ≤10s (Note 3)
θJA
31
40
°C/W
Steady-State (Note 3, 4)
59
75
°C/W
Notes: 1. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low
frequency and duty cycles to keep initialTJ=25°C.
2. Based on TJ(MAX)=150°C, using≤10s.
3. The device is measured that mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
4. The θJA is the sum of the thermal impedence from junction to lead θJL and lead to ambient.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com