Electronic Components Datasheet Search
  English  ▼

X  

UT7430 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT7430
Description  30V, 34A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7430 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT7430 Datasheet HTML 1Page - Unisonic Technologies UT7430 Datasheet HTML 2Page - Unisonic Technologies UT7430 Datasheet HTML 3Page - Unisonic Technologies UT7430 Datasheet HTML 4Page - Unisonic Technologies UT7430 Datasheet HTML 5Page - Unisonic Technologies UT7430 Datasheet HTML 6Page - Unisonic Technologies UT7430 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UT7430
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-903.b
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
30
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
100
nA
Reverse
VGS=-20V, VDS=0V
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.5
1.9
2.5
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=20A
10
12
mΩ
VGS=4.5V, ID=20A
13
16
mΩ
Forward Transconductance
gFS
VDS=5V, ID=20A
45
S
On State Drain Current
ID(ON)
VGS=10V, VDS=5V
80
A
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=15V, f=1.0MHz
760
pF
Output Capacitance
COSS
125
pF
Reverse Transfer Capacitance
CRSS
70
pF
Gate Resistance
RG
VGS=0V, VDS=0V, f=1MHz
0.8
1.6
2.4
Ω
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=4.5V, VDS=15V, ID=20A
6.6
nC
Total Gate Charge
QG
VGS=10V, VDS=15V, ID=20A
14
nC
Gate to Source Charge
QGS
2.4
nC
Gate to Drain Charge
QGD
3
nC
Turn-ON Delay Time
tD(ON)
VGS=10V, VDS=15V, RL=0.75Ω,
RGEN=3Ω
4.4
ns
Rise Time
tR
9
ns
Turn-OFF Delay Time
tD(OFF)
17
ns
Fall-Time
tF
6
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous
Current
IS
25
A
Drain-Source Diode Forward Voltage
VSD
IS=1A, VGS=0V
0.7
1
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com